Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • O-CS8-APTYZISP-R

  • AI
    The part number **O-CS8-APTYZISP-R** refers to a high-performance **image sensor** solution, typically associated with OmniVision technologies or specific automotive/industrial camera modules. Based on the naming convention, here is the breakdown of the electronic components and specifications: ### 1. Component Overview This part is a high-definition **CMOS Image Sensor (CIS)** designed for advanced imaging applications. It integrates a light-sensitive pixel array with digital signal processing circuitry. | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | CMOS Active Pixel Sensor | | **Resolution** | Typically 8 Megapixel (4K) | | **Interface** | MIPI CSI-2 (High-speed serial data) | | **Package Type** | CSP (Chip Scale Package) or BGA | | **Application** | Automotive ADAS, Surround View, or Industrial IoT | --- ### 2. Key Electronic Functional Blocks The internal architecture of this part consists of several critical electronic sub-systems: #### A. The Pixel Array * **Structure:** Uses Back-Side Illumination (BSI) technology to improve low-light sensitivity. * **Filter:** Features a Bayer pattern (RGGB) or RCCB for high-dynamic-range (HDR) performance. #### B. Analog-to-Digital Converters (ADCs) * The sensor converts the analog voltage from the photodetectors into 10-bit or 12-bit digital values. * **Column-Parallel ADC:** Ensures high frame rates by processing multiple columns of pixels simultaneously. #### C. Digital Signal Processor (ISP) * **Internal Functions:** Includes defect pixel correction, noise reduction, and lens shading correction. * **HDR Processing:** Combines multiple exposures to capture detail in both dark and bright areas of a scene. --- ### 3. Pinout and Connectivity (Typical) To operate this component, the following electronic connections are required: 1. **Power Rails:** * **DOVDD (1.8V):** Digital I/O power. * **DVDD (1.2V):** Internal core logic power. * **AVDD (2.8V):** Analog power for the pixel array. 2. **Clocking:** Requires an external **EXTCLK** (External Crystal/Oscillator) input. 3. **Control Bus:** Uses **I2C (SCCB)** for register configuration. 4. **Data Output:** Differential pairs for **MIPI lanes** to send image data to a Host SoC. --- ### 4. Part Number Suffix Breakdown * **-R:** Usually indicates "Tape & Reel" packaging for automated SMT (Surface Mount Technology) assembly. * **ISP:** Indicates integrated Image Signal Processing capabilities.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption specifications for this sensor in full resolution mode?
    • ⤷ Which microcontroller or SoC is most compatible with the MIPI CSI-2 interface of this part?
    • ⤷ Does this sensor support Global Shutter or Rolling Shutter?