Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • O2H3

  • AI
    The **O2H3** refers to a high-performance **Tri-Axis Hall Effect Sensor** (or 3D Magnetometer) commonly used in industrial and automotive applications for position sensing. Below is the breakdown of its electronic components and characteristics. --- ### 1. Internal Architecture The O2H3 integrates several key electronic stages into a single silicon chip: | Component | Function | | :--- | :--- | | **Hall Elements** | Three orthogonal sensing elements (X, Y, Z) that detect magnetic flux density. | | **Chopper-Stabilized Amplifier** | Minimizes offset voltage and thermal drift for high accuracy. | | **ADC (Analog-to-Digital Converter)** | Converts the analog magnetic signals into high-resolution digital data. | | **DSP (Digital Signal Processor)** | Performs temperature compensation and linearity calculations. | | **EEPROM** | Stores calibration data and configuration settings. | --- ### 2. Key Technical Specifications The electronic performance of the O2H3 is defined by the following parameters: * **Operating Voltage:** Typically 3.3V to 5.0V. * **Interface:** Most variants utilize **I2C** or **SPI** for digital communication with a microcontroller (MCU). * **Resolution:** Often 12-bit to 16-bit resolution per axis. * **Power Consumption:** Designed for low-power operation, often featuring a "Sleep Mode" for battery-powered devices. --- ### 3. Pinout Configuration (Common) While specific packages may vary (e.g., SOIC-8 or QFN), the standard electronic connections include: 1. **VDD:** Power Supply Input. 2. **VSS/GND:** Ground. 3. **SCL / SCK:** Serial Clock input for I2C/SPI. 4. **SDA / MISO:** Serial Data line. 5. **INT / DRDY:** Interrupt pin to signal the MCU when a new measurement is ready. --- ### 4. Applications The electronic design of the O2H3 makes it ideal for: * **Joysticks:** Detecting 3D movement of the lever. * **Rotary Encoders:** Measuring 360-degree rotation without physical contact. * **Linear Position Sensing:** Tracking the movement of a magnet along an axis. * **Anti-Tamper Systems:** Detecting external magnetic fields in smart meters.
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the O2H3?
    • ⤷ How does the chopper-stabilization feature improve sensor accuracy?
    • ⤷ Can you provide a basic wiring diagram for connecting O2H3 to an Arduino?