Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OA2A20-R010

  • AI
    The **OA2A20-R010** is an electronic component manufactured by **Nippon Chemi-Con** (or associated distribution networks). It is specifically categorized as an **Overvoltage Absorption Unit**, commonly referred to as a **Surge Absorber** or **Varistor Unit**. --- ## 1. Technical Specifications The device is designed to protect electronic equipment from transient voltage spikes (surges) caused by lightning or switching inductive loads. | Feature | Description | | :--- | :--- | | **Component Type** | Surge Absorber (Varistor Unit) | | **Max Operating Voltage** | Typically 250V AC (for 220V lines) | | **Varistor Voltage** | ~470V (Voltage at which it starts conducting) | | **Energy Rating** | High Joules (designed for industrial power protection) | | **Housing** | Plastic casing with screw terminals or wire leads | --- ## 2. Core Functions The OA2A20-R010 performs three primary electronic roles: 1. **Transient Voltage Suppression (TVS):** It monitors the incoming voltage. When a spike exceeds its threshold, it switches from a high-resistance state to a low-resistance state. 2. **Current Shunting:** It diverts the excess current away from sensitive downstream components (like PLCs or power supplies) to the ground. 3. **EMI/RFI Filtering:** Often used in conjunction with RC circuits to reduce electromagnetic interference on AC lines. --- ## 3. Circuit Configuration Most units in this series utilize a **Metal Oxide Varistor (MOV)** as the core element. Below is a simplified representation of how it is integrated into a system: ```mermaid graph LR A[AC Power Source] --> B{OA2A20-R010} B --> C[Sensitive Load/PLC] B --- D[Ground/Earth] ``` --- ## 4. Typical Applications * **Industrial Automation:** Protecting Programmable Logic Controllers (PLCs) and CNC machines. * **Power Supplies:** Input stage protection for AC/DC converters. * **Motor Control:** Suppressing back-EMF when large motors or solenoids are switched off. * **Infrastructure:** Used in distribution panels to prevent lightning damage. --- ## 5. Maintenance and Safety * **Wear and Tear:** Varistors degrade over time after multiple surge events. If the unit appears charred or the thermal fuse (if equipped) has tripped, it must be replaced. * **Polarity:** As an AC device, it is generally non-polarized, but ensure the Ground/Earth lead is connected to a low-impedance path.
    ✨ Follow-up Questions
    • ⤷ What is the peak pulse current rating for the OA2A20 series?
    • ⤷ How do I test if an OA2A20-R010 is still functional using a multimeter?
    • ⤷ What are the primary differences between this unit and a standard ZNR varistor?