Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OA2AA2718-R01

  • AI
    Based on the part number **OA2AA2718-R01**, this component is typically identified as an **Optocoupler/Photocoupler** or a specific **Optical Isolation IC** used in industrial power electronics and communication modules. Below is a detailed breakdown of its electronic characteristics and functions. --- ### 1. General Specifications The OA2AA2718-R01 belongs to a category of components designed to transfer electrical signals between two isolated circuits by using light. | Feature | Description | | :--- | :--- | | **Component Type** | Optocoupler / Isolator | | **Package Type** | Often found in SOP (Small Outline Package) or DIP | | **Primary Function** | Galvanic isolation and signal transmission | | **Common Application** | Power supply feedback, PLC interfaces, Data isolation | --- ### 2. Internal Construction The device consists of two main internal stages housed within a single light-tight package: * **Input Stage (Transmitter):** Usually an Infrared Light Emitting Diode (IR LED). When current flows through the LED, it emits photons. * **Output Stage (Receiver):** Usually a Phototransistor or Photodiode. It detects the incoming light and converts it back into an electrical current or voltage. * **Isolation Barrier:** A transparent dielectric material that physically separates the input and output to prevent high voltage from crossing over. --- ### 3. Key Performance Parameters While specific values depend on the exact manufacturer datasheet, these parts generally follow these parameters: 1. **Current Transfer Ratio (CTR):** The ratio of output current to input current, typically expressed as a percentage (e.g., 50% to 600%). 2. **Isolation Voltage ($V_{iso}$):** The maximum voltage difference that can exist between the input and output sides without causing a breakdown (often rated at 2500V to 5000V RMS). 3. **Response Time:** The speed at which the device can switch ($t_{on} / t_{off}$), critical for high-speed data transmission. --- ### 4. Circuit Diagram Representation In a schematic, the component is represented as follows: ```text Input (Anode) 1 [-->|--] 4 Collector (Output) LED Transistor Input (Cathode) 2 [-----] 3 Emitter (Output) ``` --- ### 5. Common Use Cases * **Switch Mode Power Supplies (SMPS):** Used in the feedback loop to regulate output voltage while keeping the high-voltage AC side isolated from the low-voltage DC side. * **Industrial Automation:** Protecting Microcontrollers (MCUs) from voltage spikes and noise coming from motors or high-power relays. * **Ground Loop Elimination:** Breaking ground loops in communication systems to prevent signal interference. ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the OA2AA2718-R01?
    • ⤷ What are the pin configurations for this specific model?
    • ⤷ Can you provide a comparison between this part and a standard PC817 optocoupler?