Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OA2AA2720-R010

  • AI
    The part number **OA2AA2720-R010** typically refers to a **Power Shunt Resistor** or a specialized current-sensing resistor. These components are essential in power electronics for monitoring current flow by measuring the voltage drop across a known resistance. --- ### 1. General Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Metal Alloy Shunt Resistor | | **Resistance Value** | 10 mΩ (milliohms) | | **Tolerance** | Usually ±1% or ±5% (depending on the R010 suffix variant) | | **Power Rating** | High wattage (typically 3W to 7W depending on thermal management) | | **Technology** | Electron Beam Welding / Metal Plate | --- ### 2. Key Features * **Low Resistance:** The "R010" indicates a resistance of 0.010 Ohms (10mΩ), which minimizes power loss ($P = I^2R$) while sensing current. * **High Precision:** Designed for stability over a wide temperature range (Low TCR - Temperature Coefficient of Resistance). * **AEC-Q200 Compliance:** Most parts in this category are automotive-grade, meaning they are tested for high vibration, thermal shock, and reliability. * **Material:** Often constructed using Manganin or NiCr alloys welded to copper terminals. --- ### 3. Typical Applications These resistors are used in circuits where high current needs to be measured accurately: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicles or portable power stations. 2. **Motor Control:** Providing feedback loops for industrial motor drives and BLDC controllers. 3. **DC-DC Converters:** Sensing output current for overcurrent protection. 4. **Power Inverters:** Used in solar power systems to monitor AC/DC conversion stages. --- ### 4. Part Number Breakdown (Standardized) | Code Segment | Meaning | | :--- | :--- | | **OA2** | Manufacturer/Series Series designation (often related to size) | | **AA2720** | Physical Case Size (e.g., 27mm x 20mm or similar metric footprints) | | **R010** | Resistance Value (R010 = 0.010 $\Omega$ or 10m$\Omega$) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for a 10m\u03a9 shunt resistor at 5 Watts?
    • ⤷ How does temperature coefficient (TCR) affect the accuracy of this part?
    • ⤷ What are the recommended soldering techniques for large metal plate resistors?