Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OA2AE16-R010

  • AI
    Based on the part number **OA2AE16-R010**, this component is a **Surface Mount (SMD) Current Sense Resistor**, typically manufactured by companies like **Ohmite**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The OA series consists of metal alloy strip resistors designed for low-resistance applications. They are primarily used to monitor current flow in power circuits by measuring the voltage drop across the resistor ($V = I \times R$). ### 2. Technical Specifications | Feature | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | $10 \text{ m}\Omega$ ($0.010 \Omega$) | Indicated by "R010" in the part number. | | **Power Rating** | $1.0 \text{ Watt}$ | Typical for the AE16 (2512 metric) package size. | | **Tolerance** | $\pm 1\%$ | Standard precision for current sensing. | | **Package Size** | $2512$ (Imperial) | Dimensions roughly $6.35 \times 3.20 \text{ mm}$. | | **Technology** | Metal Alloy Strip | Provides high stability and low TCR (Temperature Coefficient). | | **TCR** | $\pm 50$ to $\pm 100 \text{ ppm/}^\circ\text{C}$ | Minimal resistance drift during heating. | --- ### 3. Part Number Breakdown The nomenclature can be deciphered as follows: * **OA**: Series Identifier (Open Air / Metal Strip). * **2**: Often denotes power rating or specific sub-series. * **AE**: Package code (correlating to the 2512 footprint). * **16**: Internal manufacturer manufacturing code. * **R010**: Resistance value. "R" acts as the decimal point ($0.010 \text{ Ohms}$). --- ### 4. Key Electronic Applications This specific part is used in environments requiring high current handling and heat dissipation: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **Motor Control:** Detecting overcurrent conditions in DC motors. 3. **DC-DC Converters:** Providing feedback for voltage regulation loops. 4. **Power Supplies:** Serving as a shunt for current measurement. ### 5. Benefits of Metal Strip Technology * **Low Inductance:** Critical for high-frequency switching applications. * **High Pulse Power:** Can withstand short-duration surges better than thick-film resistors. * **Thermal Management:** The large pads of the 2512 package help dissipate heat into the PCB copper traces. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle based on its power rating?
    • ⤷ What are the recommended PCB layout tips for 2512 current sense resistors?
    • ⤷ How does a metal strip resistor differ from a standard thick film resistor?