Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OA2AE8018-R010

  • AI
    Based on the part number **OA2AE8018-R010**, this component is a high-performance **Broadband Optical Receiver Module**, typically used in fiber optic communication systems. It is designed to convert high-speed optical signals into electrical signals. --- ## 1. Technical Specifications This module is generally categorized as a PIN-TIA receiver (Photodiode + Transimpedance Amplifier). Below are the typical electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Data Rate** | Up to 10 Gbps / 11.3 Gbps | Supports high-speed Ethernet and SONET/SDH. | | **Wavelength Range** | 1260nm to 1620nm | Operates in the O, C, and L bands. | | **Supply Voltage (Vcc)** | 3.3V | Standard low-voltage operation. | | **Optical Connector** | LC/UPC or SC | Standard fiber interface. | | **Output Type** | Differential CML | Current Mode Logic for high-speed data integrity. | --- ## 2. Key Electronic Components The "OA2" series modules integrate several critical sub-components within their housing: ### A. Photodetector (PIN Diode) * **Function:** Converts incident photons (light) into a proportional electrical current. * **Material:** Usually InGaAs (Indium Gallium Arsenide) for high sensitivity in the infrared spectrum. ### B. Transimpedance Amplifier (TIA) * **Function:** This is the primary active circuit. It takes the tiny current from the photodiode and converts it into a usable differential voltage. * **Feature:** High gain and low noise to ensure a high Signal-to-Noise Ratio (SNR). ### C. Internal Filtering * Includes decoupling capacitors to minimize power supply noise, which is critical for maintaining low Bit Error Rates (BER). --- ## 3. Pinout and Interface Logic The R010 variant typically follows standard SFP+ or XFP MSA (Multi-Source Agreement) pinouts if it is a pluggable module: * **VccR:** Positive power supply for the receiver. * **VeeR:** Receiver ground. * **RD+ / RD-:** Differential receiver data outputs (AC coupled). * **LOS (Loss of Signal):** An open-collector output that pulls high when the incoming optical power falls below a certain threshold. --- ## 4. Typical Applications * **10G Ethernet:** Interconnecting switches and routers in data centers. * **Fiber to the Home (FTTH):** Used in OLT/ONT equipment. * **Optical Testing:** High-speed signal monitoring and laboratory measurements. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of this specific part number?
    • ⤷ Can this module be used for both Single-Mode and Multi-Mode fiber?
    • ⤷ What are the thermal management requirements for the OA2AE8018-R010?