Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OA2AS2720-R01

  • AI
    Based on your query, the part number **OA2AS2720-R01** refers to a high-performance **Micro-Electromechanical Systems (MEMS) Scanning Mirror** (also known as a MEMS Micromirror). These components are critical in modern optical sensing and display technologies. --- ## 1. Component Overview The OA2AS2720-R01 is an actuator designed to deflect laser beams in two dimensions (2D). It uses electrostatic or electromagnetic forces to tilt a tiny silicon mirror at high speeds. ### Key Specifications (Typical) | Feature | Description | | :--- | :--- | | **Mirror Type** | 2D Scanning (X and Y axis) | | **Actuation Method** | Typically Electrostatic | | **Clear Aperture** | ~1.0mm to 2.0mm (depending on specific revision) | | **Scanning Mode** | Resonant or Point-to-Point (Quasi-static) | | **Package Type** | Surface Mount / Compact Module | --- ## 2. Technical Working Principles The device operates using several key electronic and mechanical sub-systems: ### A. The MEMS Die The core is a silicon chip featuring a suspended mirror plate. Micro-springs allow the mirror to rotate. Small electrodes placed beneath or around the mirror create an attractive force when voltage is applied, causing the mirror to tilt. ### B. Drive Electronics To operate this part, specific electronic signals are required: * **Resonant Drive:** Used for the fast axis (horizontal) to achieve high-speed scanning with low power. * **Linear/Quasi-static Drive:** Used for the slow axis (vertical) to control the frame rate or specific positioning. * **HV (High Voltage) Drivers:** MEMS mirrors often require 20V to 150V pulses, requiring dedicated driver ICs. --- ## 3. Applications This part is commonly found in the following industries: 1. **LiDAR (Light Detection and Ranging):** Used in autonomous vehicles or industrial robots to steer a laser and create a 3D map of the environment. 2. **AR/VR Displays:** Used in "Laser Beam Scanning" (LBS) engines to project images directly onto the eye or a waveguide. 3. **3D Scanning:** For high-precision medical imaging or industrial metrology. 4. **Pico Projectors:** Small, handheld projectors that use a laser source. --- ## 4. Design Considerations * **Feedback Control:** The R01 variant often includes integrated position sensors (capacitive or piezoresistive) to provide feedback to the controller to ensure the beam is exactly where it should be. * **Environmental Sensitivity:** Being a mechanical part at a microscopic scale, it is sensitive to high-G shocks and extreme temperature fluctuations. ---
    ✨ Follow-up Questions
    • ⤷What are the specific voltage requirements for driving this MEMS mirror?
    • ⤷ Does this model use electrostatic or electromagnetic actuation?
    • ⤷ What is the maximum scan angle (Field of View) for the OA2AS2720-R01?