AI

## Technical Overview: OF-08HS28DP
The **OF-08HS28DP** is a high-performance, two-phase hybrid stepper motor, typically categorized under the **NEMA 11** frame size. These motors are engineered for precision motion control in compact environments.
---
### 1. Key Specifications
The following table outlines the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | Hybrid Stepper |
| **Step Angle** | 1.8° (200 steps per revolution) |
| **Frame Size** | NEMA 11 (28mm x 28mm) |
| **Phase Count** | 2 Phases |
| **Current / Phase** | Approx. 0.6A - 0.8A (Model specific) |
| **Holding Torque** | ~0.08 Nm to 0.12 Nm |
| **Resistance / Phase** | ~4.5 Ω to 6.5 Ω |
| **Inductance / Phase** | ~3.2 mH to 5.0 mH |
---
### 2. Electronic Components & Internal Construction
The "Electronic" functionality of this motor relies on the interaction between its magnetic and conductive internal parts:
* **Stator (Electromagnetic Part):** Consists of two sets of coils (windings). When current flows through these coils, it creates an electromagnetic field that attracts or repels the rotor.
* **Rotor (Permanent Magnet Part):** Unlike standard DC motors, this uses a permanent magnet rotor with "teeth." The alignment of these teeth with the stator determines the precision.
* **Wiring Configuration:** Usually features 4 lead wires (Bipolar).
* **Phase A:** Red/Blue wires
* **Phase B:** Green/Black wires
* **Bearings:** Precision ball bearings are used to reduce friction and electrical noise while maintaining high radial loads.
---
### 3. Integration Requirements
To operate the OF-08HS28DP, you require specific electronic support hardware:
1. **Stepper Driver:** Since this is a bipolar motor, you need a driver like the **A4988**, **DRV8825**, or **TMC2208**. The driver converts low-level logic signals into the high-current pulses required to move the motor.
2. **Controller:** A Microcontroller (Arduino, ESP32) or PLC to send "Step" and "Direction" signals to the driver.
3. **Power Supply:** Typically operates on **12V to 24V DC**. Even though the motor is rated for lower voltage, higher voltage allows the current to overcome inductance faster, improving torque at high speeds.
---
### 4. Common Applications
* **Medical Devices:** Precision pumps and fluid handling.
* **3D Printers:** Specifically for lightweight extruders (Titan or BMG style).
* **Optics:** Zoom and focus mechanisms for cameras or telescopes.
* **Robotics:** Small-scale robotic grippers and joints.
- ⤷
What is the exact wiring pinout for the 4-pin connector on this motor?
- ⤷ Which stepper driver is recommended for the best thermal performance with this NEMA 11 motor?
- ⤷ How do I calculate the maximum speed (RPM) for this motor at 24V?