Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OMM0204VB3JB0

  • AI
    The **OMM0204VB3JB0** is a specific part number for a professional-grade MELF (Metal Electrode Leadless Face) resistor manufactured by **Vishay Beyschlag**. These resistors are known for their high reliability and stability compared to standard thick-film chip resistors. ### 1. General Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Feature | Specification | | :--- | :--- | | **Series** | SMM0204 (Professional MELF) | | **Package Size** | 0204 (Equivalent to SOD-80 / MiniMELF) | | **Resistance Value** | 3.3 MΩ (Based on code "3JB0") | | **Tolerance** | ± 5% | | **Power Rating** | 0.25 W (at 70°C) | | **Max Operating Voltage** | 200 V | --- ### 2. Breakdown of the Part Number The alphanumeric string can be broken down into segments that describe the component: * **OMM0204**: The series identifier. "MM" refers to the MELF Professional series. The "0204" indicates the physical dimensions (approx. 3.6mm length, 1.4mm diameter). * **V**: Typically denotes a specific temperature coefficient or packaging variant (often Lead-free/RoHS compliant). * **B**: Tolerance code (though in standard Vishay coding, J is the common 5% marker, "B" can refer to specific TCR levels or internal plant codes). * **3JB0**: This is the resistance value multiplier. "3J" signifies a base value, and "B0" indicates the decimal placement and bulk packaging. --- ### 3. Key Technical Advantages The MELF construction provides several benefits over standard flat SMD resistors: 1. **Pulse Stability**: The cylindrical design allows for a larger effective resistive film area, making it much better at handling power surges and pulses. 2. **Thermal Performance**: Excellent heat dissipation due to the circular shape. 3. **Environmental Resistance**: High moisture resistance and superior long-term stability under harsh conditions. 4. **Low Noise**: Lower current noise and non-linearity compared to thick-film alternatives. --- ### 4. Typical Applications Because of its high reliability, this component is commonly found in: * **Automotive Electronics**: Engine control units, braking systems (ABS), and lighting. * **Industrial Power Supplies**: Feedback loops and high-voltage sensing. * **Medical Equipment**: Diagnostic tools requiring precise measurement. * **Telecommunications**: Infrastructure equipment exposed to temperature fluctuations. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the 3JB0 code?
    • ⤷ How does the MELF package differ from a standard 0805 SMD resistor?
    • ⤷ What are the soldering requirements for OMM0204 series components?