Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OP1177ARMZ-R

  • AI
    The **OP1177ARMZ-R** is a high-precision, low-noise operational amplifier manufactured by Analog Devices. It belongs to the OPx177 family, known for its extremely low offset voltage and high stability. --- ### ## Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Value | | :--- | :--- | | **Package Type** | MSOP-8 (ARMZ) | | **Number of Channels** | Single | | **Supply Voltage (Range)** | ±2.5 V to ±15 V | | **Offset Voltage (Max)** | 60 μV | | **Input Bias Current (Max)** | 2 nA | | **Gain Bandwidth Product** | 1.3 MHz | | **Slew Rate** | 0.7 V/μs | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Features 1. **Ultra-Low Offset Voltage:** With a maximum of 60 μV, it minimizes errors in high-precision signal conditioning circuits. 2. **Low Drift:** The device exhibits excellent stability over time and temperature, reducing the need for frequent recalibration. 3. **Low Noise:** Designed to minimize spectral noise density, making it suitable for sensitive sensor interfaces. 4. **Rail-to-Rail Output:** Allows the output signal to swing very close to the supply rails, maximizing dynamic range. ### ## Pin Configuration (MSOP-8) The device follows a standard 8-pin layout for single op-amps: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | NC | No Internal Connection | | 2 | -IN | Inverting Input | | 3 | +IN | Non-Inverting Input | | 4 | V- | Negative Power Supply | | 5 | NC | No Internal Connection | | 6 | OUT | Output Signal | | 7 | V+ | Positive Power Supply | | 8 | NC | No Internal Connection | --- ### ## Common Applications * **Precision Filters:** High-order active filters requiring tight tolerances. * **Instrumentation:** Bridge amplifiers for strain gauges and pressure sensors. * **Medical Equipment:** ECG/EEG signal amplification where low noise is critical. * **Thermocouple Amplifiers:** Stable amplification of very small DC voltages. ### ## Nomenclature Breakdown `OP1177` (Series) + `ARMZ` (Package/Temp) + `-R` (Packaging Style) * **ARMZ:** "A" denotes the grade/performance level; "RM" refers to the MSOP package; "Z" indicates RoHS compliance (Lead-free). * **-R:** Indicates that the part is supplied on a **Reel** (Tape and Reel) for automated assembly.
    ✨ Follow-up Questions
    • ⤷What are the main differences between the OP1177 and the OP2177?
    • ⤷ Can the OP1177 be used with a single 5V power supply?
    • ⤷ What is the typical input noise density of this operational amplifier?