Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OP2177ARM-R2

  • AI
    The **OP2177ARM-R2** is a high-precision, low-noise, dual-channel operational amplifier manufactured by Analog Devices. It belongs to the OPx177 family, known for its extremely low offset voltage and drift, making it ideal for precision instrumentation. --- ### ## 1. Key Specifications Below are the primary technical parameters for the OP2177ARM-R2: | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Max)** | ±18 V (or 36 V single supply) | | **Supply Voltage (Min)** | ±2.5 V (or 5 V single supply) | | **Offset Voltage (Max)** | 60 μV | | **Offset Drift (Max)** | 0.7 μV/°C | | **Gain Bandwidth Product** | 1.3 MHz | | **Slew Rate** | 0.7 V/μs | | **Package Type** | MSOP-8 (ARM prefix) | | **Operating Temperature** | -40°C to +125°C | --- ### ## 2. Core Functional Characteristics #### **High Precision & Stability** The device features very low input offset voltage and long-term stability. This ensures that the amplifier does not introduce significant DC errors into the signal chain, which is critical for weight scales and medical sensors. #### **Low Noise and Bias Current** With low input bias current (max 2 nA), it minimizes errors when used with high-impedance sensors. Its low noise density (approx. 8 nV/√Hz at 1 kHz) makes it suitable for low-frequency signal conditioning. #### **Power Efficiency** It draws a very low quiescent current (approx. 400 μA per amplifier), making it suitable for battery-powered or thermally sensitive applications. --- ### ## 3. Typical Application Circuit In many designs, this part is used as a **Precision Non-Inverting Amplifier**. ```spice * Simple Non-Inverting Gain Configuration * Vout = Vin * (1 + Rf/Rg) +Vcc | [Pin 8] | Vin ----[Pin 3] (+) | \ | >----[Pin 1]---- Vout | / | +---[Pin 2] (-) | | | | [Rg] +-------[Rf]------+ | GND ``` --- ### ## 4. Applications * **Precision Instrumentation:** Strain gages, thermocouples, and RTD amplifiers. * **Medical Equipment:** ECG/EKG monitoring and laboratory diagnostic tools. * **Industrial Control:** 4–20 mA loop transmitters and high-accuracy DAC buffers. * **Optical Networks:** Photodiode transimpedance amplifiers. --- ### ## 5. Naming Convention Breakdown * **OP**: Precision Operational Amplifier series. * **2**: Dual channel. * **177**: Specific architecture/model generation. * **ARM**: Package code for **MSOP-8** (Mini Small Outline Package). * **R2**: Tape and Reel packaging specification (typically 7-inch reel).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the OP2177 and the OP1177?
    • ⤷ How does the OP2177 perform in low-voltage single-supply systems?
    • ⤷ What are the common alternatives to the OP2177 for higher bandwidth requirements?