Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OP2177ARMZ-R7

  • AI
    The **OP2177ARMZ-R7** is a high-precision, low-noise, dual-channel operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is part of the OPx177 family, known for its extremely low offset voltage and drift, making it ideal for precision sensor interfaces and instrumentation. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Number of Channels** | 2 (Dual Op-Amp) | | **Supply Voltage (Dual)** | ±2.5 V to ±15 V | | **Supply Voltage (Single)** | 5 V to 30 V | | **Offset Voltage (Max)** | 60 μV | | **Offset Drift (Max)** | 0.7 μV/°C | | **Gain Bandwidth Product** | 1.3 MHz | | **Slew Rate** | 0.7 V/μs | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Packing Type** | Tape & Reel (R7 suffix) | --- ### 2. Functional Characteristics * **Ultra-Low Offset:** The device is laser-trimmed at the wafer level to ensure minimal input offset voltage, which is critical for DC accuracy. * **Low Noise:** It features a very low 1/f noise corner and a voltage noise density of approximately $8 \text{ nV}/\sqrt{\text{Hz}}$ at 1 kHz. * **Low Bias Current:** Utilizing a bipolar input stage, it manages to keep input bias currents very low (max 2 nA), reducing errors in high-impedance circuits. * **High CMRR/PSRR:** It boasts a Common-Mode Rejection Ratio (CMRR) and Power Supply Rejection Ratio (PSRR) typically exceeding 120 dB. --- ### 3. Part Number Breakdown: `OP2177ARMZ-R7` ```text OP 2 177 A RM Z - R7 | | | | | | | | | | | | | +-- 7" Tape and Reel Packaging | | | | | +------- RoHS Compliant (Lead-Free) | | | | +----------- Package: MSOP (Micro Small Outline Package) | | | +-------------- Temperature Grade: -40°C to +125°C | | +------------------ Model Series | +---------------------- Channel Count (2 = Dual) +-------------------------- Precision Op-Amp Series prefix ``` --- ### 4. Common Applications 1. **Precision Instrumentation:** Used in weigh scales, strain gauges, and bridge transducers. 2. **Medical Equipment:** Ideal for ECG/EKG amplification where low noise and high CMRR are vital. 3. **Photodiode Amplifiers:** Used in optical sensors due to low bias current. 4. **Loop-Powered Systems:** Low quiescent current (approx. 400 μA per amplifier) makes it suitable for 4-20 mA industrial loops.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the OP2177 and the single-channel OP1177?
    • ⤷ How does the MSOP-8 package affect thermal dissipation compared to SOIC-8?
    • ⤷ Is the OP2177 suitable for rail-to-rail input/output applications?