Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OPL-R

  • AI
    The **OPL-R** (often associated with the "Open Pressure Logger - Radio" or specific industrial infrared receivers) generally refers to a specialized electronic module used for wireless data acquisition or infrared signal processing. Below is an explanation of the core electronic components typically found in these types of modules. --- ### 1. Core Component Breakdown | Component Type | Role in Circuit | Typical Part Example | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes signals and manages timing. | ATmega328P or STM32 series | | **Radio/RF Transceiver** | Handles wireless transmission and reception of data. | NRF24L01 or LoRa modules | | **Infrared (IR) Receiver** | Specifically for "OPL" series sensors; detects light pulses. | PIN Photodiode or TSOP series | | **Voltage Regulator** | Steps down battery voltage to a stable level (e.g., 3.3V). | LDO (Low Dropout) Regulator | | **Crystal Oscillator** | Provides a precise clock signal for synchronized communication. | 16MHz Quartz Crystal | --- ### 2. Functional Electronic Blocks #### A. The Sensing Interface The "R" in OPL-R often signifies **Receiver** or **Radio**. If it is an IR-based part, the front end consists of an optical window and a transimpedance amplifier. This converts incoming light photons into a measurable electrical voltage. #### B. Signal Conditioning Because raw signals from sensors are often weak or noisy, the OPL-R includes: * **Low-Pass Filters:** To remove high-frequency electronic noise. * **Comparators:** To turn analog waves into "High" or "Low" digital bits. #### C. Power Management To ensure long battery life, these parts utilize: * **Decoupling Capacitors:** Small capacitors (0.1uF) placed near the ICs to suppress voltage spikes. * **Sleep Mode Circuitry:** Components that allow the module to enter a "deep sleep" state, drawing micro-amps when not active. --- ### 3. Pinout and Connectivity Most OPL-R modules interface with larger systems via standard headers: ```yaml Pin 1: VCC (Power Input 3.3V - 5V) Pin 2: GND (Ground) Pin 3: DATA/TX (Signal Output to Microcontroller) Pin 4: EN/WAKE (Enable or Wake-up pin) ``` --- ### 4. Technical Specifications Summary * **Operating Voltage:** Usually 2.7V to 5.5V DC. * **Communication Protocol:** SPI, I2C, or UART (Serial). * **Frequency Range:** If RF-based, typically 433MHz, 868MHz, or 2.4GHz.
    ✨ Follow-up Questions
    • ⤷ What is the specific application or industry for the OPL-R module you are using?
    • ⤷ Do you need a wiring diagram for connecting the OPL-R to an Arduino or ESP32?
    • ⤷ Is your OPL-R version the infrared receiver or the radio pressure logger?