Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OR2-0-R/Q

  • AI
    The part number **OR2-0-R/Q** typically refers to a **0 Ohm (Zero-Ohm) Resistor** (often called a Jumper) in a surface-mount device (SMD) package. These components are essential in modern PCB design for configuration and manufacturing flexibility. --- ### 1. Technical Specifications The following table outlines the general characteristics of a standard 0-ohm jumper resistor: | Property | Specification | | :--- | :--- | | **Resistance** | 0 $\Omega$ (Max actual resistance $\approx$ 50m$\Omega$) | | **Power Rating** | Typically 1/10W to 1/4W (Size dependent) | | **Tolerance** | Jumper (not applicable in the traditional sense) | | **Mounting Type** | SMD (Surface Mount Device) | | **Suffix -R/Q** | Often denotes packaging (Tape & Reel) and Lead-Free status | ### 2. Why Use a 0-ohm Resistor? It may seem counterintuitive to use a resistor with no resistance, but they serve several critical engineering purposes: * **PCB Configuration:** They act as "switches." By soldering or removing a 0-ohm resistor, a designer can enable or disable specific features of a circuit without redesigning the PCB layout. * **Bridge Over Traces:** In single-layer PCB designs, a 0-ohm resistor can be used to "jump" over an existing copper trace. * **Automated Assembly:** Using a component rather than a wire jumper allows standard Pick-and-Place machines to install the bridge automatically, reducing labor costs. * **Grounding Isolation:** They are used to connect different grounds (e.g., Analog Ground to Digital Ground) at a single point to minimize noise interference. ### 3. Part Number Breakdown (General Convention) While part numbering varies by manufacturer (such as Yageo or Vishay), the breakdown usually follows this logic: | Segment | Meaning | | :--- | :--- | | **OR2** | Indicates the series or resistance value (0R = 0 Ohms) | | **-0** | Reiteration of the 0-ohm value | | **-R** | Usually indicates **RoHS Compliant** (Lead-Free) | | **-Q** | Often refers to **Automotive Grade** (AEC-Q200) or high-quality reel packaging | --- ### 4. Comparison with Alternatives | Feature | 0-ohm Resistor | Solder Bridge | Physical Wire | | :--- | :--- | :--- | :--- | | **Precision** | High | Low | Moderate | | **Automation** | Excellent | Manual/Difficult | Manual | | **Reversibility** | Easy | Messy | Difficult | | **Visual Appeal** | Professional | Amateur | Unprofessional |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current capacity for a typical 0-ohm SMD resistor?
    • ⤷ In what scenarios should I use a ferrite bead instead of a 0-ohm resistor?
    • ⤷ How does the package size (e.g.
    • ⤷ 0603 vs 1206) affect the performance of a jumper?