Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OS-2-R-M5

  • AI
    The **OS-2-R-M5** is a specific model of an **Optical Sensor** (specifically a retro-reflective or through-beam photo-sensor) often used in industrial automation. Based on the nomenclature, this part typically belongs to high-precision optical fiber or photoelectric sensor families. --- ### 1. Technical Specifications Overview The part number "OS-2-R-M5" can be broken down into its electronic and mechanical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Optical Sensor | Uses light to detect presence/distance. | | **Head Style** | M5 Threaded | Cylindrical metal body with M5 threading for easy mounting. | | **Detection Method** | Retro-reflective / Through-beam | Depends on the amplifier unit paired with it. | | **Material** | Stainless Steel / Nickel-plated Brass | Durable housing for industrial environments. | | **Connection** | Fiber Optic / Lead Wire | Usually connects to an external amplifier (e.g., FX series). | --- ### 2. Key Electronic Components Unlike standalone sensors, the OS-2-R-M5 usually acts as the "head" of a fiber optic system. Its electronic functionality is split between the head and an external amplifier: 1. **The Emitter:** Contains a high-intensity LED (often Red or Infrared) that pulses light through the fiber optic core. 2. **The Receiver:** A phototransistor or photodiode that converts incoming light back into an electrical signal. 3. **Fiber Core:** High-quality plastic or glass fibers that transmit light with minimal attenuation. 4. **The M5 Housing:** Provides electrical shielding and mechanical protection against EMI (Electromagnetic Interference). --- ### 3. Electronic Integration and Wiring To function, this part must be wired to an **Amplifier Unit**. The electronic logic is handled as follows: * **Input Voltage:** Typically 12-24V DC (handled by the amplifier). * **Output Type:** PNP or NPN (determined by the amplifier setting). * **Response Time:** Usually in the microsecond range (e.g., 20μs to 1ms). #### Example Wiring Logic (Amplifier Side) ```yaml Brown Wire: +V (12-24V DC) Blue Wire: 0V (GND) Black Wire: Control Output (Signal) Pink Wire: External Input (Teaching/Mode Selection) ``` --- ### 4. Applications Because of its small M5 footprint, it is electronically ideal for: * **IC Pin Detection:** Checking if pins are bent on a PCB. * **Part Counting:** High-speed counting on a conveyor belt. * **Limit Sensing:** Detecting the end-of-travel for small robotic actuators. ---
    ✨ Follow-up Questions
    • What is the maximum sensing distance for the OS-2-R-M5?
    • Which amplifier units are compatible with this specific sensor head?
    • Does this model support 'Dark-ON' and 'Light-ON' switching?