Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OSF003706GD-R5PAS1C1A

  • AI
    The part number **OSF003706GD-R5PAS1C1A** refers to a high-performance **OLED (Organic Light Emitting Diode) Display Module**. These modules are commonly used in industrial equipment, medical devices, and high-end consumer electronics due to their self-emissive properties and high contrast. --- ### 1. Component Overview Below is a breakdown of the typical electronic characteristics and specifications associated with this specific display series. | Feature | Specification Details | | :--- | :--- | | **Display Type** | OLED (Active Matrix or Passive Matrix depending on driver) | | **Color** | Full Color (RGB) | | **Interface** | Typically SPI, I2C, or Parallel (Model specific) | | **Structure** | COG (Chip-on-Glass) or COF (Chip-on-Film) | | **RoHS Status** | Compliant | --- ### 2. Key Technical Components The electronic architecture of this module consists of several critical layers and parts: * **The OLED Panel:** The core light-emitting layer. Unlike LCDs, it does not require a backlight, which allows for deeper blacks and lower power consumption when displaying dark images. * **Driver IC (Integrated Circuit):** This is the "brain" of the display. It translates data signals from your microcontroller (like an Arduino, ESP32, or STM32) into the voltages required to light up specific pixels. * **FPC (Flexible Printed Circuit):** The "ribbon" cable protruding from the glass. This contains the electrical traces that connect the display to the main PCB. * **Passive Components:** Small surface-mount (SMD) capacitors and resistors are often mounted on the FPC to stabilize the voltage (charge pump) required for the OLED pixels. --- ### 3. Pin Configuration and Connectivity While exact pinouts depend on the manufacturer's datasheet for the "R5PAS" revision, these modules generally follow a standard connection logic: ```yaml Pin Category: - Power: VDD (Logic Power), VCC (Panel Power/High Voltage) - Ground: GND - Data: SDI (MOSI), SCK (Clock), CS (Chip Select) - Control: RES (Reset), DC (Data/Command) ``` --- ### 4. Application Advantages 1. **Wide Viewing Angles:** Typically >160 degrees without color shifting. 2. **Fast Response Time:** Microsecond response times, making it ideal for fluid UI animations. 3. **Thin Profile:** Because there is no backlight unit, the entire electronic assembly is significantly thinner than an equivalent LCD.
    ✨ Follow-up Questions
    • ⤷ What is the specific resolution and screen size for the OSF003706GD model?
    • ⤷ Which Driver IC is used in this display for firmware configuration?
    • ⤷ What are the voltage requirements for the VCC and VDD pins?