Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OST25FS12GD-R5RU5F71B

  • AI
    Based on the part number provided, **OST25FS12GD-R5RU5F71B**, this component belongs to the category of high-density **NAND Flash Memory**. These components are typically used in embedded systems, automotive electronics, and industrial storage solutions. Below is a breakdown of the electronic characteristics and specifications associated with this type of memory module. --- ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | NAND Flash Memory | | **Capacity** | 128 Gbit (16 GB) - indicated by "12G" | | **Interface** | SPI (Serial Peripheral Interface) / QSPI / Octal SPI | | **Voltage Supply** | 1.7V - 1.95V (Low Power) or 2.7V - 3.6V (Standard) | | **Form Factor** | BGA (Ball Grid Array) - indicated by "B" at suffix | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Architecture The internal structure of the **OST25FS** series is designed for high-speed data throughput. Key internal parts include: 1. **Memory Cell Array:** Organized into blocks and pages. NAND flash stores data by trapping electrons in floating gates or charge traps. 2. **Control Logic:** Handles the command sequences for Read, Program (Write), and Erase operations. 3. **I/O Interface:** Manages the communication between the host processor (e.g., an FPGA or MCU) and the memory chip. 4. **Error Correction Code (ECC):** Integrated hardware ECC to ensure data integrity, which is critical for high-density NAND. --- ### 3. Part Number Decoder (Estimated) While naming conventions vary by manufacturer (like Dosilicon or GigaDevice), the string generally breaks down as follows: * **OST**: Manufacturer/Series Prefix. * **25**: Often denotes SPI-based interface family. * **FS**: High-speed / Feature Set designation. * **12G**: Density (128 Gigabits). * **D**: Die revision or generation. * **R5/RU5**: Packaging configuration and internal bus width. * **B**: Package type (typically Fine-pitch BGA). --- ### 4. Common Applications * **Automotive:** Infotainment systems and ADAS data logging. * **Industrial:** High-reliability code storage for PLC and industrial controllers. * **Networking:** Storing firmware and OS images for routers and high-end switches. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum clock frequency for the SPI interface on this chip?
    • ⤷ Does this specific part number support 'Hardware Write Protect' pins?
    • ⤷ What are the soldering profile requirements for the BGA package suffix?