Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OT2-2-R

  • AI
    The **OT2-2-R** is a specific type of **Optical Transceiver** (specifically an Optical Terminator or Optical Isolator depending on the manufacturer's context, often associated with Mitsubishi or Omron industrial systems). Below is a breakdown of the electronic parts and technical specifications typically associated with this component. --- ### 1. Technical Specifications The OT2-2-R is designed to interface electrical signals with optical fibers, providing high-speed data transmission and electrical isolation. | Feature | Specification | | :--- | :--- | | **Component Type** | Optical Transceiver / Terminator | | **Wavelength** | 660 nm (Red Visible Light) | | **Transmission Distance** | Up to 50 meters (using Plastic Optical Fiber - POF) | | **Power Supply (Vcc)** | 4.75V to 5.25V DC | | **Current Consumption** | 20mA - 40mA (Typical) | | **Data Rate** | Up to 5 Mbps (depending on application) | | **Connector Type** | PN / JIS C 5976 (F05 style) | --- ### 2. Internal Electronic Architecture The device consists of three primary electronic stages that convert electrical energy into light and vice versa. #### A. Transmitter Section (TX) * **LED Driver:** A high-speed transistor circuit that modulates current to the light source. * **Light Source:** A High-brightness Red LED (AlGaInP or GaAsP). Unlike a laser, this is safer and easier to couple with large-core plastic fibers. #### B. Receiver Section (RX) * **Photodiode:** A silicon PIN photodiode that converts incoming light pulses back into electrical current. * **Transimpedance Amplifier (TIA):** Converts the small current from the photodiode into a measurable voltage. * **Comparator/Schmitt Trigger:** Squares off the analog signal into a clean digital (TTL/CMOS) pulse. #### C. Housing & Shielding * **Optic Interface:** A precision-molded resin socket for the fiber cable. * **EMI Shielding:** Often contains an internal metal shield to prevent electromagnetic interference from affecting the sensitive receiver. --- ### 3. Pin Configuration Commonly, the OT2-2-R utilizes a 5-pin or 8-pin layout for industrial PCB mounting. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Positive Power Supply (+5V) | | 2 | **GND** | Ground | | 3 | **TD** | Transmit Data (Input) | | 4 | **RD** | Receive Data (Output) | | 5 | **Case** | Shielding / Earth Ground | --- ### 4. Circuit Implementation Example When integrating the OT2-2-R into a circuit, a decoupling capacitor is required near the Vcc pin to maintain signal integrity. ```cpp // Logic Representation for Transceiver Data Flow Digital_In --> [Current Limiting Resistor] --> [OT2-2-R TX LED] | (Optical Fiber Link) | Digital_Out <-- [Schmitt Trigger Output] <-- [OT2-2-R RX Diode] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible fiber optic cable types for the OT2-2-R?
    • ⤷ How do I troubleshoot a signal loss in an OT2-2-R circuit?
    • ⤷ Is the OT2-2-R compatible with RS-485 signal levels?