Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OT2-5-R/Q

  • AI
    The **OT2-5-R/Q** is a high-performance, single-stage thermoelectric cooler (TEC), often referred to as a Peltier module. It is manufactured by II-VI Marlow (now part of Coherent Corp). This specific series is designed for cooling or temperature stabilization of optoelectronic components. --- ### 1. Key Technical Specifications The "OT" series is optimized for high-reliability applications, particularly in telecommunications and defense. | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **$I_{max}$** | 1.8 - 2.0 Amps | Maximum input current | | **$V_{max}$** | 0.8 - 1.0 Volts | Maximum input voltage | | **$\Delta T_{max}$** | ~67°C to 70°C | Max temperature difference across the module | | **$Q_{max}$** | ~1.0 Watts | Maximum heat pumping capacity | | **Material** | Bismuth Telluride | High-grade semiconductor material | --- ### 2. Physical Characteristics The suffix **R/Q** typically refers to the specific finish or configuration of the ceramic plates and the wiring: * **Ceramic Plates:** Usually made of Aluminum Oxide ($Al_2O_3$) for electrical insulation and thermal conductivity. * **Dimensions:** This is a miniature module, often measuring around $3.2 \text{mm} \times 3.2 \text{mm}$ or smaller, designed for tight integration. * **Surface Finish:** * **R:** Often denotes "Lapped" surfaces for uniform thickness. * **Q:** Often indicates a specific metallization (like Gold plating) or a specific lead-wire configuration for soldering. --- ### 3. Functional Mechanism The device operates on the **Peltier Effect**: 1. When a DC current flows through the device, heat is moved from one side (the cold side) to the other (the hot side). 2. If the current direction is reversed, the heat flow direction also reverses. 3. It acts as a solid-state heat pump with no moving parts, making it vibration-free and extremely reliable. --- ### 4. Common Applications Due to its small footprint and precise cooling capabilities, the OT2-5-R/Q is commonly used in: * **Laser Diode Cooling:** Stabilizing the wavelength of a laser by maintaining a constant temperature. * **Infrared (IR) Sensors:** Reducing thermal noise in detectors to increase sensitivity. * **Fiber Optic Transceivers:** Maintaining component integrity in high-speed data hardware. * **Laboratory Instrumentation:** Precise temperature control for micro-samples. --- ### 5. Implementation Considerations ```python # Conceptual Thermal Management Logic # If Target_Temp < Current_Temp: # Apply Positive DC Current (Cooling Mode) # Else: # Reduce or Reverse Current (Heating Mode) # Note: PWM (Pulse Width Modulation) is often used for control, # but must be high frequency or smoothed to avoid thermal cycling stress. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact physical size of the OT2-5-R/Q module?
    • ⤷ How do I calculate the heat sink requirements for this TEC?
    • ⤷ What is the difference between the OT and NL series in Marlow Peltier modules?