Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OT2-B-R/Q

  • AI
    The **OT2-B-R/Q** typically refers to a high-speed, high-voltage optocoupler (photocoupler) or a specific series of industrial optical sensors. In most electronics contexts, this part is used for signal isolation and high-speed data transmission between high-voltage and low-voltage circuits. --- ### 1. General Specifications The electronic components within this part are designed to provide electrical isolation through light. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Optoelectronic Isolator | | **Input Type** | Infrared LED (Gallium Arsenide) | | **Output Type** | Phototransistor or Logic Gate | | **Isolation Voltage** | 2,500V to 5,000V RMS | | **Response Time** | High-speed (microsecond range) | | **Mounting Style** | SMD (Surface Mount) or Through-hole | ### 2. Internal Electronic Structure The part consists of three primary stages: 1. **The Transmitter (Input):** An internal Infrared LED. When current flows through the input pins, the LED emits photons proportional to the current. 2. **The Isolation Barrier:** A transparent dielectric material (usually silicone or glass) that allows light to pass through but blocks electrical current, protecting sensitive microcontrollers from high-voltage spikes. 3. **The Receiver (Output):** A light-sensitive semiconductor (photodiode or phototransistor) that converts the received light back into an electrical signal. ### 3. Key Electronic Features * **High Common-Mode Rejection (CMR):** The "Q" or "R" designations often refer to specific binning or performance grades regarding how well the chip ignores electrical noise. * **Safety Isolation:** Provides a physical air gap (creepage) to prevent arcing between the primary and secondary circuits. * **Current Transfer Ratio (CTR):** This defines the efficiency of the part (the ratio of output current to input current). ### 4. Common Applications * **Switching Power Supplies:** Used in the feedback loop to regulate voltage while keeping the AC side isolated from the DC side. * **Industrial PLC Interfacing:** Protecting logic controllers from industrial motor noise. * **Data Communications:** Isolated RS-232 or CAN bus interfaces. ---
    ✨ Follow-up Questions
    • ⤷What is the specific Current Transfer Ratio (CTR) for the R-grade variant?
    • ⤷ How does the 'Q' suffix change the electrical characteristics compared to 'R'?
    • ⤷ What is the recommended operating temperature range for this component?