Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OT2-H-R/

  • AI
    The **OT2-H-R** refers to a high-speed, right-angle, shielded connector system, typically used in automotive and industrial high-speed data transmission (often associated with Rosenberger or similar HSD/FAKRA standards). Below is a breakdown of the electronic specifications and structural characteristics. --- ### 1. Key Technical Specifications These connectors are engineered for high-frequency signals and electromagnetic compatibility (EMC). | Parameter | Specification (Typical) | | :--- | :--- | | **Impedance** | 100 $\Omega$ (Differential) | | **Frequency Range** | DC to 6 GHz | | **Data Rate** | Up to 12 Gbps (Protocol dependent) | | **Voltage Rating** | ≤ 100 V DC | | **Current Rating** | ≤ 1.5 A DC | | **Contact Resistance** | ≤ 10 m$\Omega$ | --- ### 2. Electronic Component Structure The "H-R" designation usually indicates a **Horizontal-Right Angle** orientation for PCB mounting. * **Signal Pins (Contacts):** Usually a 4-pin configuration (Star Quad) to minimize crosstalk and electromagnetic interference. * **Outer Shield:** A metallic housing that provides 360° EMI protection, ensuring signal integrity in "noisy" electronic environments like car engines or factory floors. * **Dielectric Insulator:** High-performance plastic (LCP or PBT) that maintains the precise 100 $\Omega$ impedance gap between the signal pins and the shield. * **Mechanical Coding:** Plastic housings (shrouds) are often color-coded and mechanically keyed to prevent incorrect mating. --- ### 3. Pinout and Circuit Layout In a standard 4-pin high-speed data setup, the electronic traces on the PCB must follow strict differential pair rules: ```python # Example of Differential Pair Routing Logic for OT2-H-R trace_rules = { "differential_impedance": 100, # Ohms "trace_spacing": "matched", # Keep S1 and S2 equal length "via_usage": "minimized", # Avoid signal reflection "ground_plane": "continuous" # Reference plane below connector pins } ``` --- ### 4. Common Applications Due to its robust shielding and high bandwidth, this part is found in: 1. **Automotive Infotainment:** Connecting high-resolution displays to head units. 2. **ADAS Cameras:** Transferring uncompressed video data from vehicle sensors. 3. **USB/LVDS Extensions:** High-speed peripheral connections in industrial computing. ---
    ✨ Follow-up Questions
    • ⤷What are the specific soldering footprints for the OT2-H-R series?
    • ⤷ How does the 'R' suffix change the mounting orientation compared to the 'S' suffix?
    • ⤷ What is the maximum operating temperature for these automotive-grade connectors?