Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • OVM6946-RANA

  • AI
    ## Overview of OVM6946-RANA The **OVM6946-RANA** is a high-performance, ultra-compact CameraCubeChip™ module designed primarily for medical applications, such as minimally invasive endoscopes. It integrates the image sensor, processor, and optics into a single, tiny package. --- ### Technical Specifications The following table highlights the key electronic and optical characteristics of the OVM6946-RANA: | Parameter | Specification | | :--- | :--- | | **Resolution** | 400 x 400 (160,000 pixels) | | **Package Size** | 1.05 mm x 1.05 mm | | **Pixel Size** | 1.75 µm x 1.75 µm | | **Frame Rate** | 30 fps | | **Output Format** | Analog Differential Output | | **Power Supply** | 3.3V (Analog) | | **Power Consumption** | ~25 mW (Active) | | **Field of View (FOV)** | 120° | --- ### Key Electronic Components & Features #### 1. Image Sensor Technology The module utilizes OmniVision's **OmniBSI+™ pixel technology**. This back-side illumination (BSI) architecture allows for high sensitivity and low noise even in low-light environments (critical for internal medical imaging). #### 2. Signal Transmission Unlike many digital sensors, the OVM6946-RANA uses **Analog Differential Output**. * **Purpose:** This allows the signal to travel through very long, thin cables (up to several meters) without significant degradation or electromagnetic interference (EMI). * **Requirement:** It requires a backend bridge chip (like the OV426) to convert the analog signal back into a digital format (MIPI/DVP) for processing. #### 3. Integrated Optics The "RANA" suffix typically refers to a specific lens configuration within the **CameraCubeChip** family. The optics are fabricated at the wafer level, meaning the lens is bonded directly to the silicon before dicing, ensuring perfect alignment and extreme miniaturization. #### 4. Low Power Architecture The device is engineered to run on roughly **25 mW**. This is vital for medical probes to prevent heat generation, which could damage sensitive biological tissues during a procedure. --- ### Typical System Architecture To use the OVM6946-RANA in an electronic design, the signal chain usually looks like this: 1. **OVM6946 Sensor:** Captures light and outputs an analog differential signal. 2. **Thin Cable:** A micro-coaxial cable bundle (usually 4-6 wires). 3. **OV426 Bridge Chip:** Receives the analog signal, performs Analog-to-Digital Conversion (ADC), and handles Auto Exposure/Gain control. 4. **Host Processor:** (e.g., FPGA or ARM SoC) receives the MIPI data for display.
    ✨ Follow-up Questions
    • ⤷ What are the compatible bridge chips for the OVM6946 besides the OV426?
    • ⤷ How does wafer-level optics (WLO) improve the manufacturing of this sensor?
    • ⤷ What are the pinout requirements for the OVM6946-RANA?