Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P-10-R

  • AI
    The **P-10-R** typically refers to a high-precision, industrial-grade **Potentiometer** or **Variable Resistor**, often associated with brands like *Sakae* or specialized sensor manufacturers. These components are designed for precision measurement, feedback control, and position sensing. --- ## 1. Technical Specifications Below are the typical electronic characteristics of a P-10-R series potentiometer: | Feature | Description | | :--- | :--- | | **Total Resistance** | Commonly 1kΩ, 5kΩ, or 10kΩ | | **Resistance Tolerance** | ±10% to ±15% (Standard) | | **Linearity** | ±0.5% to ±2.0% (Precision Grade) | | **Power Rating** | 0.2W to 0.5W at 40°C | | **Electrical Travel** | 300° ±5° (Standard) | | **Insulation Resistance** | > 100MΩ at 500VDC | --- ## 2. Key Electronic Components The "P-10-R" is comprised of several critical parts that define its electronic performance: ### A. Conductive Plastic Element Unlike cheap carbon potentiometers, the P-10-R usually uses a **Conductive Plastic** track. * **Benefit:** Provides infinite resolution and a very long rotational life (often over 10 million cycles). * **Performance:** Offers low noise and high-speed operation capability. ### B. Precious Metal Wiper The "wiper" (the moving contact) is typically made of a **multi-fingered precious metal alloy**. * **Function:** It maintains constant contact with the resistive element. * **Benefit:** Reduces contact resistance variation (CRV) and prevents oxidation. ### C. Termination Terminals These are the three pins/lugs used for connection: 1. **Terminal 1 & 3:** The ends of the resistive track (Input/Ground). 2. **Terminal 2:** The wiper (Output signal). --- ## 3. Applications The P-10-R is not a consumer-grade volume knob; it is found in: * **Servo Systems:** Providing position feedback for robotic arms. * **Medical Equipment:** Precise adjustment of surgical or diagnostic tools. * **Industrial Joysticks:** Converting physical tilt into electrical voltage. * **Tension Control:** Monitoring the tension of wires or films in manufacturing. --- ## 4. Wiring Diagram (Basic) To use the P-10-R as a voltage divider, follow this standard pinout: ```text [Pin 1: GND] <---- [Resistive Element] ----> [Pin 3: VCC (+)] ^ | [Pin 2: Output Signal] (Wiper Position) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a conductive plastic and a wirewound potentiometer?
    • ⤷ How do I test if a P-10-R potentiometer is functioning correctly using a multimeter?
    • ⤷ Can the P-10-R be used as a rheostat instead of a voltage divider?