Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P-236-R

  • AI
    Based on your query, the **P-236-R** is a specific model number primarily associated with **VU Meters** (Analog Level Meters), often used in high-fidelity (Hi-Fi) audio equipment and DIY amplifier projects. Below is an explanation of its electronic components, specifications, and characteristics. --- ## 1. Component Overview The P-236-R is a passive analog display component. It works on the principle of a **D'Arsonval movement** (moving coil), where an electric current passes through a coil in a magnetic field, causing a needle to deflect. ### Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Internal Resistance (DC)** | 650Ω ± 10% | | **Current Sensitivity** | 500uA ± 10% (Full Scale) | | **Backlight Type** | Incandescent or LED (Depends on sub-model) | | **Backlight Voltage** | AC/DC 6V - 12V | | **Weight** | ~25g | --- ## 2. Key Electronic Parts The device consists of three main functional sections: ### A. The Moving Coil System * **Magnet & Coil:** The core of the meter. It converts the incoming audio signal (converted to DC) into mechanical motion. * **Hairsprings:** These provide the restoring force to return the needle to zero and act as the electrical conductors for the coil. ### B. The Backlight Circuit * **Light Source:** Usually two warm-yellow LEDs or small bulbs located at the top or sides of the dial. * **Current Limiting:** If using LEDs, a resistor is often integrated or required externally to prevent burnout when connecting to 12V power supplies. ### C. The Scale and Housing * **Pointer:** Usually colored red or black for high visibility. * **Dial Plate:** Printed with a logarithmic scale (decibels) and often a linear scale for voltage/power. --- ## 3. Integration Requirements To use the P-236-R in an electronic circuit, you cannot simply connect it to a speaker output. You require a **Driver Board**. ### The Driver Board Function: 1. **Rectification:** Converts the AC audio signal into the DC signal required by the meter. 2. **Compression:** Implements a logarithmic response so the needle moves musically rather than erratically. 3. **Adjustment:** Contains potentiometers (variable resistors) to calibrate the "0dB" point. ```mermaid graph LR Audio_Source --> Driver_Board Driver_Board --> P-236-R_Coil Power_Supply --> P-236-R_Backlight ``` --- ## 4. Usage Precautions * **Polarity:** The meter terminals are polarized (+ and -). Reversing them will cause the needle to pin against the left stopper, potentially bending it. * **Overload:** High current spikes can burn out the delicate hairsprings. Always use a driver circuit with protective limiting. * **Mounting:** These meters are sensitive to magnetic fields. Keep them away from large power transformers.
    ✨ Follow-up Questions
    • ⤷ What is the recommended driver board for the P-236-R meter?
    • ⤷ How do I calculate the resistor needed for the backlight if my power supply is 15V?
    • ⤷ Can this meter be used to measure DC voltage instead of audio levels?