Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P-RJ

  • AI
    In the context of electronics and networking, **P-RJ** usually refers to **Power over RJ45** or specific **RJ45 connectors with integrated magnetics** (often called MagJacks). These components are critical for Ethernet communication and delivering power to devices like IP cameras, VoIP phones, and IoT sensors. --- ### 1. Key Components of a P-RJ Connector A high-quality RJ45 jack is more than just plastic and metal pins; it often contains internal circuitry to ensure signal integrity and safety. | Component | Function | | :--- | :--- | | **Integrated Magnetics** | Miniature transformers that provide galvanic isolation and noise filtering. | | **LED Indicators** | Usually green and yellow; indicate "Link" status and "Activity" speed. | | **Shielding** | A metal "can" around the connector to prevent Electromagnetic Interference (EMI). | | **PoE Pins** | Specific pins (1,2 & 3,6 or 4,5 & 7,8) used to carry DC voltage alongside data. | --- ### 2. Technical Specifications When selecting or analyzing these parts, engineers look at the following electronic parameters: #### A. Signal Integrity * **Insertion Loss:** The loss of signal power resulting from the insertion of the connector. * **Crosstalk (NEXT):** Unwanted signal coupling between adjacent wire pairs. * **Return Loss:** A measure of how much signal is reflected back to the source due to impedance mismatch. #### B. Power over Ethernet (PoE) Support If the connector is "Power-enabled," it must handle specific current levels without overheating. * **IEEE 802.3af:** Up to 15.4W per port. * **IEEE 802.3at (PoE+):** Up to 30W per port. * **IEEE 802.3bt (Hi-PoE):** Up to 60W-100W per port. --- ### 3. Internal Schematic (Simplified) Below is a conceptual representation of how a P-RJ connector with magnetics is wired internally: ```text [RJ45 Pins] <---> [Isolation Transformer] <---> [Common Mode Choke] <---> [PCB Header] | | | (DC Power) (Signal Filtering) (Noise Suppression) ``` ### 4. Common Part Number Prefixes In the industry, you will see these parts categorized by manufacturers like **Pulse Electronics**, **Bel Fuse**, or **TE Connectivity**: * **J0 / JK series:** Often used for integrated gigabit magnetics. * **LP series:** Low profile connectors. * **PoE / PoE+:** Specifically rated for higher DC current on the center taps of the transformers. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between passive and active PoE in RJ45 connectors?
    • ⤷ How do integrated magnetics protect a circuit from ESD?
    • ⤷ Which pins are used for power in a 4-pair PoE system?