Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P002-002-R

  • AI
    The **P002-002-R** is a specific power cable assembly manufactured by **Tripp Lite** (now part of Eaton). It is a short-length power cord primarily used for connecting networking hardware or computers to power distribution units (PDUs). ### 1. Technical Specifications The electrical and physical characteristics of the P002-002-R are detailed in the table below: | Feature | Specification | | :--- | :--- | | **Model Number** | P002-002-R | | **Connector A** | NEMA 5-15P (Standard 3-prong North American Plug) | | **Connector B** | IEC-320-C13 (Standard computer power connector) | | **Length** | 2 Feet (0.61 Meters) | | **Wire Gauge** | 18 AWG | | **Ampere Rating** | 10 Amps | | **Voltage Rating** | 125 Volts | | **Jacket Type** | SJT | | **Number of Conductors** | 3 | --- ### 2. Internal Electronic Components While it appears to be a simple cable, the "electronic" integrity relies on specific material standards: * **Conductors (Copper):** It contains three 18-gauge stranded copper wires (Line, Neutral, and Ground). Stranded copper is used to provide flexibility and resistance to fatigue from bending. * **Insulation:** Each conductor is color-coded according to North American standards (Black for Hot, White for Neutral, Green for Ground) and encased in PVC insulation to prevent short circuits. * **Molded Strain Relief:** The connectors are "molded," meaning the plastic housing is injected around the wire-to-terminal connection. This prevents mechanical stress from breaking the electrical connection inside the plug. * **SJT Jacket:** The "Service Junior Thermoplastic" jacket is rated for 300V and is designed to withstand heat generated by 10A of continuous current. --- ### 3. Safety and Compliance The "R" in the part number often signifies **Retail Packaging**, but the electrical build remains compliant with several industry safety standards: 1. **UL Listed:** Tested by Underwriters Laboratories for safety against fire and electric shock. 2. **RoHS Compliant:** Manufactured without hazardous materials like lead or cadmium. 3. **HPN/SJT Rating:** Ensures the outer jacket is flame retardant. ### 4. Common Use Cases * **Server Racks:** The short 2ft length is ideal for connecting a server to a PDU located directly above or below it, reducing "cable clutter" and improving airflow. * **Desktop PC to UPS:** Connecting a workstation to a Battery Backup system.
    ✨ Follow-up Questions
    • ⤷What is the difference between 18 AWG and 14 AWG power cables?
    • ⤷ Can the P002-002-R be used with high-wattage mining rigs?
    • ⤷ What does the SJT jacket rating mean for indoor/outdoor use?