Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P0410-R10-KB

  • AI
    The **P0410-R10-KB** refers to a specific series of high-precision, current-sensing shunt resistors, often associated with brands like **Isabellenhütte** (specifically the **PBV** or **P** series) or similar manufacturers of precision power resistors. These components are critical in power electronics for measuring high currents with extreme accuracy. --- ## 1. Technical Specifications Breakdown The alphanumeric code provides insight into the electronic characteristics of the part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **P0410** | Physical Size/Form Factor | Refers to the physical dimensions (4.0mm x 1.0mm footprint or similar proprietary package). | | **R10** | Resistance Value | Indicates **0.1 Ohms** (100 mΩ). The "R" acts as the decimal point. | | **K** | Tolerance | Indicates a **±10%** tolerance (though in precision series, 'F' for 1% is more common). | | **B** | Temperature Coefficient | Often denotes the TCR (Temperature Coefficient of Resistance), typically indicating high stability. | --- ## 2. Key Electronic Features ### A. Four-Terminal (Kelvin) Connection Unlike standard two-terminal resistors, these parts often utilize a **4-terminal configuration**. * **Two terminals** carry the high current. * **Two terminals** sense the voltage drop. * **Benefit:** This eliminates the resistance of the leads and solder joints from the measurement, ensuring the voltage read is strictly across the resistive element. ### B. Manganin or Zeranin Alloy The resistive element is usually made from high-grade alloys like Manganin. * **Low Inductance:** Crucial for high-frequency switching applications. * **Thermal EMF:** Very low, preventing voltage errors caused by temperature gradients. ### C. Power Rating These parts are designed to dissipate heat efficiently. Depending on the mounting (heatsink vs. PCB), they can handle between **3W to 10W** of continuous power. --- ## 3. Applications These parts are typically found in the following electronic circuits: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicles or large battery arrays. 2. **Motor Controllers:** Providing current feedback to regulate motor speed and torque. 3. **Power Supplies:** Used in the feedback loop of high-current DC-DC converters. 4. **Test and Measurement:** Integrated into laboratory equipment for precision current logging. --- ## 4. Typical Internal Circuit Representation In a schematic, this part is represented as a resistor with four nodes to account for the Kelvin sensing: ```text (Current In) ──────┐ ┌────── (Current Out) │ │ [=== RESISTOR ===] │ │ (Sense +) ──────┘ └────── (Sense -) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (wattage) for the P0410-R10-KB specifically?
    • ⤷ How does a 4-terminal Kelvin connection reduce measurement error in this part?
    • ⤷ Are there surface-mount (SMD) alternatives to the P0410 through-hole series?