Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P1000-R

  • AI
    The **P1000-R** typically refers to a high-performance linear actuator or a pressure transmitter series (depending on the specific manufacturer like UltraMotion or gems). Assuming the context of the **UltraMotion P1000-R Linear Actuator**, it is a sophisticated electromechanical system. Below is an explanation of its core electronic components and technical specifications. --- ## 1. Core Electronic Components The P1000-R integrates several electronic subsystems to translate electrical signals into precise mechanical motion. | Component | Function | Description | | :--- | :--- | :--- | | **Motor Assembly** | Power Source | Usually equipped with a NEMA 23 or 34 Brushless DC (BLDC) motor or Stepper motor. | | **Feedback Sensor** | Positioning | Uses a high-resolution optical encoder or a potentiometer to provide real-time position data. | | **Limit Switches** | Safety/End-stop | Internal Hall-effect sensors or mechanical switches to prevent over-travel. | | **Controller/Drive** | Logic | The "Brain" that manages current flow, velocity profiles, and PID loops. | --- ## 2. Technical Specifications (Electronic) The following table summarizes the typical electronic requirements for operating a P1000-R series actuator: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC to 48V DC (Typical) | | **Communication Protocols** | RS-232, RS-485, CANopen, or EtherCAT | | **Control Signal** | 4-20mA, 0-10V, or Pulse/Direction | | **Encoder Resolution** | Up to 4000+ counts per revolution | --- ## 3. Wiring and Connectivity The P1000-R electronic interface generally consists of two main connectors: 1. **Power Connector:** Handles high-current lines for the motor windings. 2. **Signal Connector:** A multi-pin connector (often M12 or D-Sub) for: * Encoder A/B/Index channels. * Limit switch signals (Normally Closed/Normally Open). * Thermal protection sensors (Thermistor). ### Typical Wiring Logic Block ```cpp // Logic representation of a simple move command to the P1000-R void moveToPosition(int targetSteps) { digitalWrite(ENABLE_PIN, HIGH); for(int i = 0; i < targetSteps; i++) { digitalWrite(STEP_PIN, HIGH); delayMicroseconds(500); digitalWrite(STEP_PIN, LOW); delayMicroseconds(500); } } ``` --- ## 4. Protection Circuits To ensure longevity, the electronics include: * **Over-current Protection:** Shuts down the drive if the actuator hits a physical obstruction. * **Thermal Shutdown:** Monitors motor temperature to prevent coil burnout. * **Voltage Regulation:** Filters "noise" from the power supply to prevent encoder errors.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the P1000-R signal connector?
    • ⤷ Does the P1000-R support EtherCAT communication for industrial synchronization?
    • ⤷ How do I calibrate the internal potentiometer for absolute position sensing?