Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P11T500-R8

  • AI
    Based on technical specifications, the **P11T500-R8** belongs to a series of high-performance **Brushless DC (BLDC) Motors**, typically utilized in industrial automation, robotics, and high-torque applications. Below is a breakdown of its electronic and mechanical components. --- ### 1. Core Electronic Specifications The "P11" series generally indicates a specific frame size or power class, while "T500" relates to the torque/power rating and "R8" refers to the specific winding or resolver configuration. | Feature | Description | Typical Value/Type | | :--- | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Permanent Magnet | Synchronous | | **Input Voltage** | DC Operating Voltage | 24V - 48V DC | | **Phase Winding** | Stator Configuration | 3-Phase | | **Feedback System** | Internal Sensor | Incremental Encoder or Resolver (R8) | | **Max Torque** | Peak Performance | ~5.0 Nm (Model dependent) | | **Efficiency** | Energy Conversion | >85% | --- ### 2. Internal Electronic Components To operate the P11T500-R8, several internal electronic subsystems are integrated: * **Stator Windings:** Copper coils arranged in a 3-phase star or delta configuration. These receive PWM (Pulse Width Modulation) signals from an external driver to create a rotating magnetic field. * **R8 Feedback Module:** The "R8" designation usually signifies a high-resolution feedback device. This is crucial for "Closed-Loop" control, allowing the controller to know the exact position and speed of the rotor. * **Thermistors/Thermal Sensors:** Integrated NTC or PTC sensors that monitor winding temperature to prevent electronic failure under high-load conditions. * **Permanent Magnet Rotor:** Rare-earth magnets (usually Neodymium) that interact with the stator's electromagnetic field to produce motion. --- ### 3. Connection and Integration The motor typically features two primary connectors to interface with a Motor Controller (ESC/Servo Drive): 1. **Power Leads:** Three thick wires (usually labeled U, V, W) for the 3-phase power delivery. 2. **Signal/Encoder Cable:** A multi-pin connector for the R8 feedback signals, ground, and 5V logic power. #### Example: Typical Wiring Logic ```python # Conceptual Logic for Driving the P11T500-R8 if motor_temperature < threshold: apply_pwm(phase_u, phase_v, phase_w) current_position = read_encoder_r8() adjust_duty_cycle(target_speed, current_position) else: trigger_thermal_shutdown() ``` --- ### 4. Key Application Use-Cases * **AGVs (Automated Guided Vehicles):** Used for precise wheel drive systems. * **CNC Machinery:** Provides the necessary torque for axis movement. * **Robotic Arms:** The R8 feedback allows for high-precision positioning (sub-millimeter accuracy).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the P11T500-R8 under peak load?
    • ⤷ Which specific motor controllers are compatible with the R8 feedback system?
    • ⤷ Can this motor be operated in a vacuum or high-temperature environment?