Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P145..

  • AI
    Based on common technical specifications in electronics and industrial automation, the term **P145** typically refers to the **MiCOM P145 Feeder Management Relay** manufactured by Schneider Electric (formerly AREVA/Alstom). This is a sophisticated numerical protection device used in electrical power systems. --- ### Core Electronic Components of P145 The MiCOM P145 is composed of several integrated hardware modules that work together to monitor, protect, and control electrical feeders. | Component Module | Function | Key Electronic Parts | | :--- | :--- | :--- | | **Processor Board** | The "Brain" of the unit. | High-speed DSP (Digital Signal Processor), CPU, and Flash Memory for logic execution and event logging. | | **Analog Input Module** | Interfaces with the high-voltage system. | Isolation transformers, Anti-aliasing filters, and high-resolution ADCs (Analog-to-Digital Converters). | | **Power Supply Card** | Converts external power to internal DC. | Switched-mode power supply (SMPS) components, capacitors, and voltage regulators. | | **Communication Card** | Handles data exchange. | Ethernet controllers, RS485 transceivers, and Fiber Optic ports (supporting IEC 61850 or Modbus). | | **I/O Board** | Physical interface for switching. | Opto-isolators (for inputs) and heavy-duty electromagnetic relays (for outputs). | --- ### Key Technical Features 1. **Analog-to-Digital Conversion:** The P145 uses high-frequency sampling (typically 32 to 64 samples per cycle) to convert current and voltage waves into digital data. This allows the internal DSP to perform Fourier transforms to identify harmonics and faults. 2. **Opto-Isolated Digital Inputs:** To protect the sensitive internal circuitry from high-voltage surges in the field, the digital inputs use **optocouplers**. These convert electrical signals into light and back to electricity, ensuring no physical copper connection exists between the field wiring and the CPU. 3. **Human Machine Interface (HMI):** The front panel contains a backlit Liquid Crystal Display (LCD) and a keypad, driven by a dedicated peripheral controller. 4. **Non-Volatile Memory:** Uses EEPROM or Flash memory to store disturbance records (waveform captures) and settings, ensuring data is not lost during a power failure. --- ### Protection Functions (Firmware/Logic) While the hardware provides the platform, the electronic logic enables: * **Overcurrent Protection (50/51)** * **Earth Fault Protection (50N/51N)** * **Autoreclosing (79)** * **Frequency Protection (81U/O)**
    ✨ Follow-up Questions
    • ⤷ How do you configure the communication protocols on a P145 relay?
    • ⤷ What are the power supply voltage range options for the MiCOM P145?
    • ⤷ How do I extract fault records from the P145's internal memory?