Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P1P3800AG12CRTWG

  • AI
    The **P1P3800AG12CRTWG** is a specific electronic component belonging to the **EMI reduction** and **Spread Spectrum Clock Generator (SSCG)** family. It is primarily manufactured by companies like *onsemi* (formerly ON Semiconductor). Below is a detailed breakdown of its specifications and functions. --- ## 1. Technical Specifications The following table outlines the key electrical and physical characteristics of this part. | Parameter | Specification | | :--- | :--- | | **Component Type** | Spread Spectrum Clock Generator (SSCG) | | **Input Frequency Range** | 15 MHz to 30 MHz | | **Output Frequency Range** | 15 MHz to 30 MHz | | **Operating Voltage (VDD)** | 2.7V to 3.7V | | **Package Type** | WDFN-6 (2x2 mm) | | **Reduction Type** | Center Spread / Down Spread | | **Temperature Range** | -40°C to +85°C (Industrial) | | **Modulation Rate** | Dependent on Input Frequency | --- ## 2. Core Functional Parts The internal circuitry of the P1P3800AG12CRTWG is designed to manage electromagnetic interference (EMI) at the source. ### A. Phase-Locked Loop (PLL) The heart of the chip is a high-performance PLL. It takes a reference clock (from a crystal or oscillator) and generates a stable output frequency. ### B. Modulation Circuitry This part "dithers" the output frequency. Instead of a sharp, single-frequency spike that radiates EMI, the energy is spread across a wider frequency band. This reduces the peak power of the radiated signal, helping devices pass regulatory tests (like FCC or CE). ### C. Control Pins (S0, S1) These pins are used to select the **Spread Percentage**. By changing the logic level (High/Low) on these pins, the user can choose how much the frequency deviates (e.g., ±0.5%, ±1.0%, etc.) to optimize EMI reduction versus system stability. --- ## 3. Pin Configuration (WDFN-6) The part uses a 6-pin leadless package to minimize board space and parasitic inductance. 1. **CLKIN:** External reference clock input. 2. **GND:** System ground. 3. **S0:** Spread selection bit 0. 4. **CLKOUT:** The modulated (EMI-reduced) clock output. 5. **VDD:** Power supply (3.3V typical). 6. **S1:** Spread selection bit 1. --- ## 4. Typical Applications This component is commonly found in electronics where high-speed clocks cause interference with sensitive radio or analog components: * **Mobile Devices:** Cell phones and tablets. * **Display Modules:** DVI, HDMI, and LVDS interfaces. * **Automotive:** Infotainment systems and ADAS cameras. * **Computing:** Laptops and printers. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific spread percentage options for the S0 and S1 pins?
    • ⤷ How does Spread Spectrum technology compare to traditional EMI shielding?
    • ⤷ Can this part be used with a 1.8V logic system?