Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P3602ABL

  • AI
    ## Overview of the P3602ABL The **P3602ABL** is a high-performance **SIDACtor® protection thyristor** manufactured by Littelfuse. It is designed specifically to protect sensitive telecommunications equipment from overvoltage transients caused by lightning, inductive coupling, and AC power fault conditions. --- ### 1. Key Technical Specifications The "P3602ABL" part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Value / Description | | :--- | :--- | | **Part Family** | SIDACtor® Protection Thyristor | | **Package Type** | TO-220 (Modified 3-lead, through-hole) | | **Vdrm (Off-state Voltage)** | 300V | | **Vs (Switching Voltage)** | 400V | | **Ipp (Peak Pulse Current)** | 100A (10/1000μs waveform) | | **It (On-state Current)** | 2.2 Amps | | **Capacitance** | Low (typically 30-50 pF) | --- ### 2. Core Functional Parts & Mechanism The device operates as a solid-state switch that triggers when a specific voltage threshold is reached. #### A. The Crowbar Effect Unlike a TVS diode which clamps voltage (dissipating energy as heat), the P3602ABL acts as a **crowbar**. 1. **Off-State:** It maintains high impedance, appearing invisible to the circuit. 2. **Triggering:** When a transient exceeds the $V_s$ (Switching Voltage), the device "snaps" into a low-impedance state. 3. **On-State:** It shorts the transient to ground, protecting the downstream components. 4. **Reset:** Once the current drops below the "Holding Current" ($I_h$), the device automatically resets to high impedance. #### B. The Balanced Protection Layout The P3602ABL is a **3-terminal device**. This is critical for telecommunications because it provides: * **Tip-to-Ground** protection. * **Ring-to-Ground** protection. * **Tip-to-Ring** protection. --- ### 3. Applications The electronic design of the P3602ABL makes it ideal for high-speed data interfaces where signal integrity is vital: * **T1/E1 Lines:** Protecting carrier-class transmission equipment. * **xDSL Equipment:** The low capacitance ensures that high-frequency data signals are not distorted. * **Central Office (CO) Equipment:** Protection against power cross and lightning strikes. * **Set-Top Boxes:** Safeguarding the communication ports from line surges. --- ### 4. Advantages over Other Technologies Compared to Gas Discharge Tubes (GDTs) or Varistors (MOVs), the P3602ABL offers: 1. **Speed:** Faster response time than GDTs (nanosecond range). 2. **Reliability:** Does not degrade over time or after multiple hits, unlike MOVs. 3. **Low Voltage Overshoot:** Provides tighter protection levels for sensitive silicon chips.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'A' and 'B' surge ratings in the P3602 series?
    • ⤷ How does the low capacitance of the P3602ABL benefit high-speed VDSL circuits?
    • ⤷ What is the recommended footprint for mounting the TO-220 modified package on a PCB?