Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P4596G-SH2-R

  • AI
    The **P4596G-SH2-R** is an integrated circuit, specifically a **high-voltage, high-speed power MOSFET and IGBT driver** (often used as a Step-Down PWM Controller or a synchronous buck converter depending on the specific manufacturer's naming convention, most commonly associated with UTC - Unisonic Technologies). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The P4596G series is designed to handle DC-to-DC conversion tasks efficiently. It is characterized by its ability to drive a high current load with a minimum of external components. | Feature | Specification | | :--- | :--- | | **Part Number** | P4596G-SH2-R | | **Package Type** | HSOP-8 | | **Function** | Step-Down (Buck) Switching Regulator | | **Output Current** | Typically 3A | | **Oscillator Frequency** | 150 kHz (Fixed) | --- ### 2. Pin Configuration (HSOP-8) The HSOP-8 package provides better thermal dissipation compared to standard SOP-8. | Pin Number | Pin Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Operating voltage input | | 2 | **Output** | Switching threshold output to the inductor | | 3 | **GND** | Ground | | 4 | **Feedback** | Senses the output voltage to adjust the duty cycle | | 5 | **ON/OFF** | Shutdown pin (Logic level low to operate) | | 6, 7, 8 | **NC / Thermal** | No internal connection or used for heat sinking | --- ### 3. Key Electronic Characteristics * **Input Voltage Range:** Usually operates from **4.5V to 40V**, making it suitable for automotive and industrial 24V rails. * **Efficiency:** High efficiency (up to 90%) due to internal low-resistance power transistors. * **Protection Circuitry:** * **Thermal Shutdown:** Protects the IC from overheating. * **Current Limiting:** Prevents damage during output overload or short circuits. * **Standby Current:** Features a low-power standby mode (typically 80µA) when the ON/OFF pin is pulled high. --- ### 4. Part Number Suffix Breakdown In the UTC naming convention: * **P4596**: The base model (Equivalent to LM2596 series). * **G**: Halogen-free and RoHS compliant. * **SH2**: Indicates the **HSOP-8** package style. * **R**: Tape and Reel packaging for automated assembly. --- ### 5. Common Applications * **LCD Monitors/TVs:** Powering internal logic boards. * **Battery Chargers:** Regulating voltage for lead-acid or Li-ion packs. * **Industrial Power Supplies:** Providing a stable 5V or 3.3V rail from a 24V source.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the P4596G and the standard LM2596?
    • ⤷ Can you provide a basic circuit diagram for a 5V output using this IC?
    • ⤷ How should the thermal pad of the HSOP-8 package be soldered for best performance?