Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P4C1024L70CWC

  • AI
    ### Analysis of the P4C1024L70CWC The **P4C1024L70CWC** is a high-performance static random-access memory (SRAM) chip originally manufactured by **Performance Semiconductor** (and later integrated into other portfolios like Pyramid Semiconductor). It is designed for applications requiring high speed and low power consumption. --- ### 1. Key Technical Specifications The alphanumeric code provides specific details regarding its capacity, speed, and packaging: | Parameter | Specification | | :--- | :--- | | **Memory Type** | CMOS Static RAM (SRAM) | | **Density/Capacity** | 1 Megabit (1Mb) | | **Organization** | 128K x 8 bits | | **Access Time** | 70 nanoseconds (ns) | | **Operating Voltage** | 5.0V ± 10% | | **Package Type** | 32-pin Ceramic Windowed LCC (Leadless Chip Carrier) | | **Temperature Grade** | Commercial (0°C to +70°C) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific variant: * **P4C1024**: The base part number for a 1Mb (128K x 8) SRAM. * **L**: Low-power version (often includes a data retention mode). * **70**: The speed grade, indicating a **70ns** maximum address access time. * **C**: Commercial temperature range. * **W**: Ceramic Windowed package (usually implies UV-erasability or specialized hermetic sealing). * **C**: Leadless Chip Carrier (LCC) physical form factor. --- ### 3. Functional Features * **Asynchronous Operation:** The device does not require a clock signal. Data access is triggered by changes in the address lines or control pins. * **Low Power Consumption:** Utilizing CMOS technology, the chip draws very little current during standby, making it suitable for battery-backed systems. * **TTL Compatibility:** All inputs and outputs are directly compatible with TTL (Transistor-Transistor Logic) levels. * **Three-State Outputs:** The outputs are placed in a high-impedance state when the chip is deselected, allowing multiple chips to share the same data bus. --- ### 4. Pin Configuration (32-Pin LCC) The standard 32-pin layout for this 128K x 8 SRAM includes: 1. **A0 - A16**: Address Inputs (used to select one of the 131,072 bytes). 2. **I/O0 - I/O7**: Data Inputs/Outputs. 3. **$\overline{CE}$ (Chip Enable)**: Activates the device. 4. **$\overline{WE}$ (Write Enable)**: Controls writing data to the memory. 5. **$\overline{OE}$ (Output Enable)**: Controls the reading of data to the bus. 6. **Vcc / GND**: Power supply (+5V) and Ground. --- ### 5. Typical Applications Due to its ceramic packaging and high reliability, this part is often found in: * Legacy industrial control systems. * Military or aerospace prototyping (where LCC packages are preferred for vibration resistance). * Embedded systems requiring non-volatile storage via external battery backup.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 70ns and 55ns versions of this SRAM?
    • ⤷ Can this specific chip be used for battery-backed non-volatile memory?
    • ⤷ Are there modern pin-compatible replacements for the P4C1024 series?