Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • P4C1048L-55CWC

  • AI
    The **P4C1048L-55CWC** is a high-performance CMOS Static Random Access Memory (SRAM) chip. It was primarily manufactured by **Pyramid Semiconductor** and is designed for applications requiring high speed and low power consumption. --- ## 1. Technical Specifications The part number encodes specific technical characteristics of the memory module. | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 4 Megabit (512K x 8 bits) | | **Access Time** | 55 nanoseconds (ns) | | **Technology** | CMOS (Low Power) | | **Package Type** | Ceramic Windowed Cerdip (CWC) | | **Voltage** | 5.0V ± 10% | | **Temperature Range** | Commercial (0°C to +70°C) | --- ## 2. Key Internal Components The internal architecture of the P4C1048L consists of several functional blocks that manage data storage and retrieval: ### A. Memory Cell Array * Uses a **6-transistor (6T) cell** design. * Organized as 524,288 words by 8 bits. * The 6T structure ensures data stability without the need for refreshing (unlike DRAM). ### B. Control Logic The chip features three primary control pins that dictate its state: * **Chip Enable ($\overline{CE}$):** When high, the device enters a low-power standby mode. * **Write Enable ($\overline{WE}$):** Controls whether data is being written to the array or read from it. * **Output Enable ($\overline{OE}$):** Manages the data buffers to prevent bus contention. ### C. Address Decoders * **Row Decoders:** Select one of the thousands of rows in the memory matrix. * **Column Decoders:** Select the specific 8-bit word from the activated row. --- ## 3. The "Windowed" Package (CWC) The **"CWC"** suffix indicates a **Ceramic Windowed Cerdip** package. * **The Window:** This is a transparent quartz lid. While typically associated with EPROMs (for UV erasure), in the context of high-end SRAMs, ceramic packaging is used for superior thermal dissipation and hermetic sealing compared to plastic. * **Durability:** It is highly resistant to moisture and mechanical stress, making it suitable for industrial or legacy military-grade prototyping. --- ## 4. Pin Configuration (Typical 32-pin) Below is a simplified representation of the pinout for a 512K x 8 SRAM: | Pin Name | Function | | :--- | :--- | | **A0 - A18** | Address Inputs | | **I/O0 - I/O7** | Data Input/Output | | **$\overline{CE}$** | Chip Enable | | **$\overline{WE}$** | Write Enable | | **$\overline{OE}$** | Output Enable | | **Vcc / GND** | +5V Power / Ground | --- ## 5. Typical Applications Due to its 55ns speed and 5V operation, this part is commonly found in: 1. **Legacy Computing:** Cache memory for older CPU architectures (e.g., 80486 or early Pentium systems). 2. **Embedded Systems:** Real-time data logging where speed is critical. 3. **DSP Buffering:** Serving as high-speed temporary storage for Digital Signal Processors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'L' (low power) version and the standard version of this SRAM?
    • ⤷ Can this windowed package be erased using UV light like an EPROM?
    • ⤷ What are the modern replacements for 5V 512Kx8 CMOS SRAMs?