AI

The **P4C147-25LSMB** is a high-performance CMOS Static RAM (SRAM) manufactured by Pyramid Semiconductor. It is designed for high-speed, low-power applications, often found in military or aerospace systems due to its packaging and temperature grading.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | Static RAM (SRAM) |
| **Organization** | 4K x 1 (4,096 bits organized as 1-bit words) |
| **Access Time** | 25 nanoseconds (ns) |
| **Technology** | CMOS (Low Power) |
| **Package Type** | LCC (Leadless Chip Carrier) |
| **Grade** | Military/High Reliability (SMB) |
---
### 2. Part Number Breakdown
Understanding the suffix and prefix codes reveals the specific capabilities of this component:
* **P4C147:** The base part number identifying it as a 4K x 1 Static RAM.
* **-25:** Indicates the speed grade. In this case, it has a maximum address access time of **25ns**.
* **L:** Represents the **Low Power** version. These chips consume significantly less power during standby mode.
* **S:** Refers to the package type, specifically a **Rectangular Leadless Chip Carrier (LCC)**.
* **MB:** Indicates **Military Grade** processing. This typically means the part has undergone MIL-STD-883 screening and is rated for a wide temperature range (-55°C to +125°C).
---
### 3. Functional Features
* **Static Operation:** Unlike DRAM, this memory does not require a clock or refresh cycles to retain data, simplifying the controller interface.
* **Inputs/Outputs:** It features fully TTL-compatible inputs and outputs.
* **Three-State Outputs:** The output pins enter a high-impedance state when the chip is deselected, allowing multiple chips to share a single data bus.
* **Data Retention:** Because it is CMOS, it maintains low power consumption while holding data, making it ideal for battery-backed systems.
---
### 4. Common Applications
Due to its 4K x 1 architecture and military certification, this part is commonly used in:
1. **Cache Memory:** High-speed buffer memory for processors.
2. **Signal Processing:** Real-time data handling in radar or sonar equipment.
3. **Aerospace Systems:** Flight controllers or telemetry systems requiring high reliability in extreme temperatures.
4. **Legacy Systems:** Maintenance of older military hardware that relies on specific 4K bit configurations.
- ⤷
What are the pinout differences between the LCC and DIP versions of this SRAM?
- ⤷ Can you provide a list of modern equivalent replacements for the P4C147?
- ⤷ How does the 'L' (Low Power) version's standby current compare to the standard version?