Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PA2423L-R

  • AI
    ## PA2423L-R: Electronic Specifications and Overview The **PA2423L-R** is a high-performance, low-voltage power amplifier (PA) integrated circuit primarily designed for the **2.4 GHz ISM band**. It is widely used in applications such as Bluetooth (Class 1), 802.11b/g Wi-Fi, and ZigBee. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the PA2423L-R: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Operating Voltage (Vcc)** | 2.7V to 3.6V (Optimized for 3.3V) | | **Output Power (Pout)** | +22.5 dBm (typical) | | **Power Gain** | 22 dB to 25 dB | | **Current Consumption** | ~130 mA @ +20 dBm | | **Package Type** | QFN (Quad Flat No-lead), 6-pin | | **Input/Output Impedance** | 50 $\Omega$ (Internal matching) | --- ### 2. Functional Sections The internal architecture of the PA2423L-R consists of several critical stages that ensure signal integrity and power efficiency: * **Multi-Stage Amplifier:** It typically utilizes a two-stage or three-stage amplification design to achieve high gain while maintaining a small footprint. * **Power Ramp Control:** The chip includes an analog control voltage pin ($V_{APC}$) that allows for smooth ramping of the output power, which is essential for minimizing spectral splatter in burst-mode communications. * **Internal Matching Circuits:** The device is partially matched to 50 ohms internally. This reduces the number of external passive components (inductors and capacitors) required on the PCB. * **Integrated Power Detector:** Some variants include an on-chip power detector to provide feedback for a closed-loop power control system. --- ### 3. Application Circuit Considerations When integrating the PA2423L-R into a hardware design, the following electronic considerations are vital: 1. **Decoupling Capacitors:** To ensure stability and prevent oscillations, low-ESR capacitors (typically 100pF and 0.1µF) must be placed as close as possible to the $V_{cc}$ pins. 2. **Thermal Management:** The bottom pad of the QFN package must be soldered to a solid ground plane with multiple thermal vias to dissipate heat during high-power transmission. 3. **Harmonic Filtering:** While the PA provides gain, an external Low Pass Filter (LPF) or Band Pass Filter (BPF) is usually required at the output to meet FCC/ETSI regulatory requirements regarding harmonic emissions. --- ### 4. Logic Control Interface The PA is controlled via enable and power control pins: ```text Pin 1: Vcc (Supply Voltage) Pin 2: Vin (RF Input) Pin 3: Vapc (Analog Power Control) Pin 4: Vout (RF Output) Pin 5: GND (Ground) Pin 6: EN (Enable/Shutdown) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the PA2423L-R package?
    • ⤷ How does the Vapc voltage level correlate to the dBm output power?
    • ⤷ Can this IC be used for 5GHz Wi-Fi applications?