Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBACL28-R01

  • AI
    Based on the model number **PBACL28-R01**, this typically refers to a specific **Power Supply Unit (PSU)** or a **Battery Charger Board** often found in professional medical equipment (such as Mindray patient monitors) or specialized industrial systems. Below is a breakdown of the electronic components and architecture typically found in this module. --- ### 1. Technical Specifications Overview The "PBAC" series usually denotes a Power Board with AC input capabilities. | Feature | Description | | :--- | :--- | | **Input Voltage** | 100-240V AC (Universal Wide Range) | | **Output Rails** | Typically +12V DC and +5V DC (Logic and Peripherals) | | **Function** | AC/DC Conversion and Battery Management/Charging | | **Revision** | R01 (Revision 1.0 hardware layout) | --- ### 2. Key Electronic Sections #### A. Input Protection & EMI Filtering The board starts with a protection circuit to handle surges and noise from the AC mains: * **Fuse:** Over-current protection. * **Varistor (MOV):** Protects against high-voltage transients/lightning. * **Common Mode Chokes & X/Y Capacitors:** Suppress Electromagnetic Interference (EMI) to ensure the device meets medical/industrial standards. #### B. Primary Conversion (AC to DC) * **Bridge Rectifier:** Converts AC to pulsating DC. * **Bulk Capacitor:** Large high-voltage electrolytic capacitor for smoothing the DC bus. * **Switching MOSFET:** Controlled by a PWM (Pulse Width Modulation) IC to "chop" the DC at high frequencies. * **Main Transformer:** Provides galvanic isolation and steps down the voltage. #### C. Secondary Rectification & Feedback * **Schottky Diodes:** For high-speed rectification of the stepped-down voltage. * **Optocoupler:** Provides a feedback loop from the output back to the primary side while maintaining isolation. This ensures the output voltage remains stable regardless of load. #### D. Battery Management System (BMS) Since this is an "ACL" (AC/Battery) board, it includes specific circuitry for: * **Charging IC:** Regulates constant current/constant voltage (CC/CV) for internal Lithium-Ion or Lead-Acid batteries. * **Switch-over Circuit:** Automatically switches the device to battery power if AC mains fail (UPS function). --- ### 3. Critical Component Table | Component Type | Common Part/Function | | :--- | :--- | | **Electrolytic Capacitors** | Low ESR types (e.g., Rubycon or Nichicon) for ripple filtering. | | **PWM Controller** | Manages the duty cycle of the switching MOSFET. | | **Voltage Regulators** | LDOs (Low Dropout Regulators) for stable 3.3V/5V logic power. | | **Connectors** | Multi-pin headers for interfacing with the mainboard and LCD. | --- ### 4. Common Failure Points If you are troubleshooting this board, check these areas: 1. **Blown Input Fuse:** Usually indicates a shorted Bridge Rectifier or MOSFET. 2. **Bulging Capacitors:** Common in older units, causing power instability or noise. 3. **Charging Failure:** Often related to the charging MOSFET or the thermal thermistor sensing the battery temperature. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific device or equipment this board is installed in?
    • ⤷ Are you looking for a pinout diagram of the output connectors?
    • ⤷ Are you experiencing a specific error code related to this power board?