Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBAM2AC2002C2F

  • AI
    Based on the technical nomenclature provided, the **PBAM2AC2002C2F** is a specific part number typically associated with **Lithium-ion (Li-ion) Battery Protection Modules** or **Battery Management System (BMS)** components, often manufactured by companies like **SEIKO (SII)** or specialized electronics firms. These components are designed to safeguard battery cells from dangerous electrical conditions. --- ## Technical Specifications & Features The following table outlines the general electronic characteristics of this series of battery protection ICs/modules: | Feature | Description | | :--- | :--- | | **Component Type** | Battery Protection Integrated Circuit (IC) / Module | | **Cell Configuration** | Typically 2-Series (2S) Lithium-Ion/Polymer | | **Overcharge Detection** | High-accuracy voltage monitoring (prevents fire/swelling) | | **Over-discharge Detection** | Cuts power to prevent cell degradation at low voltage | | **Overcurrent Protection** | Shuts down the circuit during short circuits or high-load spikes | | **Package Style** | Surface Mount (SMD) / Ultra-compact profile | --- ## Key Electronic Sub-Systems The internal circuitry of a part like the **PBAM2AC2002C2F** usually consists of several critical functional blocks: ### 1. Voltage Detectors * **Overcharge Sensor:** Monitors the charging voltage. If it exceeds the threshold (e.g., 4.25V), it signals the MOSFET to open. * **Over-discharge Sensor:** Prevents the battery from dropping below a critical level (e.g., 2.5V) to ensure the chemistry remains stable for recharging. ### 2. Delay Circuits Built-in delay timers prevent "nuisance tripping." For example, a momentary voltage dip caused by a motor starting won't trigger an over-discharge shutdown because the IC waits for a set duration before reacting. ### 3. Control Logic & MOSFET Gate Drivers The IC controls external or integrated **Power MOSFETs**. These act as electronic switches: * **Charge FET:** Disconnects the charger. * **Discharge FET:** Disconnects the load (the device being powered). ### 4. Current Sensing Uses an internal or external shunt resistor to measure the flow of electrons. If the current exceeds the safety rating (due to a short circuit), the protection logic activates immediately. --- ## Typical Applications * **Consumer Electronics:** Smartphones, tablets, and portable power banks. * **Wearables:** Smartwatches and medical sensors. * **Power Tools:** Small cordless devices requiring 2-cell series protection. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact voltage thresholds for the overcharge protection in this model?
    • ⤷ How does the short-circuit protection mechanism differ from standard overcurrent protection?
    • ⤷ Can this part be used for 1S or 3S battery configurations?