Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBSSF-M50-R

  • AI
    The **PBSSF-M50-R** is a specific model of a **Photoelectric Sensor**, typically manufactured by industrial automation companies like Autonics. This part is designed for non-contact detection of objects using a light beam. Below is a detailed breakdown of its electronic components, specifications, and functional characteristics. --- ### ## 1. Technical Specifications The "PBSSF" series generally refers to side-view, ultra-slim photoelectric sensors. Here are the core electronic parameters: | Feature | Description | | :--- | :--- | | **Sensing Type** | Retroreflective (uses a reflector) | | **Sensing Distance** | Up to 50mm (0.05 meters) | | **Light Source** | Red LED (660 nm) | | **Power Supply** | 12-24VDC ±10% (Ripple P-P: max 10%) | | **Control Output** | NPN or PNP Open Collector (model dependent) | | **Operation Mode** | Light ON / Dark ON (usually selectable by wiring) | | **Response Time** | Max 1ms | --- ### ## 2. Core Electronic Components The device operates through a combination of optical and solid-state electronic circuits: * **Emitter (Transmitter):** A Red LED that pulses light at a specific frequency to distinguish its signal from ambient light. * **Receiver (Phototransistor):** A high-sensitivity light sensor that detects the reflected beam. * **Signal Processor (ASIC):** An internal integrated circuit that filters the received signal, compares it to a threshold, and determines if an object is present. * **Output Transistor:** A solid-state switch (NPN or PNP) that interfaces with a PLC (Programmable Logic Controller) or relay. * **Indicator LEDs:** * **Green:** Stability indicator (stable signal received). * **Red/Orange:** Operation indicator (output status). --- ### ## 3. Wiring and Connection This sensor typically uses a 3-wire system. The electronic interface is standard for industrial automation: ```text Brown : Positive (+) 12-24VDC Blue : Negative (-) 0V Black : Control Output (Signal) ``` **Output Protection Circuits:** Most models in this series include: 1. **Short-circuit protection:** Prevents damage if the output is wired incorrectly. 2. **Reverse polarity protection:** Protects the internal electronics if the power supply leads are swapped. --- ### ## 4. Key Advantages * **Ultra-Slim Profile:** Designed for installation in very tight spaces where standard cylindrical sensors won't fit. * **High-Speed Switching:** The 1ms response time allows for detection on high-speed conveyor lines. * **M5 Mounting:** The "M5" in the part number usually refers to the mounting hole size or the specialized housing dimensions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in this sensor?
    • ⤷ Can this sensor detect transparent objects like glass?
    • ⤷ What type of reflector is recommended for the 50mm sensing range?