Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBY1

  • AI
    The term **PBY1** (specifically the **PBY1608** series) typically refers to a specialized category of passive electronic components known as **Chip Ferrite Beads**. These are Surface Mount Devices (SMD) used primarily for Power Line Noise Suppression. --- ### 1. What is a PBY1? A PBY1 is a **Multilayer Ferrite Chip Bead**. Unlike a standard inductor, which is designed to store energy, a ferrite bead is designed to dissipate high-frequency noise as heat. The "P" in the name often signifies its application for **High Current/Power** lines. ### 2. Key Specifications Most PBY1 components follow standard electronic characteristics defined in the table below: | Feature | Description | | :--- | :--- | | **Material** | Ferrite (Nickel-Zinc or Manganese-Zinc) | | **Case Size** | 1608 (Metric) / 0603 (Imperial) | | **Impedance Range** | Typically 10Ω to 1000Ω (at 100 MHz) | | **Current Rating** | High (usually 1A to 6A depending on specific model) | | **Operating Temp** | -55°C to +125°C | --- ### 3. Electronic Functionality The PBY1 functions based on the principle of **Impedance ($Z$)**. It acts as a low-impedance path for DC and low-frequency signals but presents high impedance to high-frequency electromagnetic interference (EMI). 1. **Low Frequency:** Acts like a small resistor/inductor with minimal effect on the signal. 2. **High Frequency:** The resistive component becomes dominant, absorbing noise and converting it into a tiny amount of thermal energy. ### 4. Common Applications Because the PBY1 series is designed for power lines, you will find them in: * **Power Supply Filtering:** Removing ripple from switching regulators. * **USB/VCC Lines:** Preventing noise from traveling between the power source and the IC. * **Automotive Electronics:** Suppressing engine or motor noise in sensitive circuits. * **Communication Equipment:** Ensuring clean power for RF modules. --- ### 5. Identification Example If you see a part numbered `PBY160808T-601Y-N`: * **PBY:** Series Code (High Current Ferrite Bead). * **160808:** Dimensions ($1.6mm \times 0.8mm \times 0.8mm$). * **601:** Impedance value ($60 \times 10^1 = 600\Omega$). * **Y:** Tolerance (typically $\pm 25\%$).
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and a standard inductor?
    • ⤷ How do I choose the correct impedance value for a PBY1 bead?
    • ⤷ Can PBY1 beads be used for high-speed data lines?