Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBY1G2

  • AI
    ## Overview of PBY160808T-121Y-N (PBY1G) The **PBY1G2** (commonly referred to by its full series part number, such as the **PBY160808 series**) is a high-current **Chip Ferrite Bead** designed for EMI (Electromagnetic Interference) suppression in electronic circuits. These components are passive surface-mount devices (SMD) that act as a low-pass filter, allowing low-frequency signals (DC) to pass while dissipating high-frequency noise as heat. --- ### 1. Key Technical Specifications Below is a typical specification table for the PBY160808 (1G) series: | Parameter | Value/Range | Unit | | :--- | :--- | :--- | | **Impedance** | 120 ± 25% (at 100MHz) | Ω (Ohms) | | **Max DC Resistance (DCR)** | 0.05 - 0.10 | Ω | | **Rated Current** | 1.5 - 3.0 | A (Amps) | | **Operating Temperature** | -55 to +125 | °C | | **Package Size** | 0603 (EIA) / 1608 (Metric) | inch / mm | --- ### 2. Internal Structure and Composition The PBY series utilizes a multilayer construction: 1. **Ferrite Material:** High-resistivity ceramic material that provides the inductive properties. 2. **Internal Electrodes:** Typically Silver (Ag) printed in a spiral pattern to create the required impedance. 3. **Termination:** Triple-layer plating (usually **Ag/Ni/Sn**) to ensure excellent solderability and resistance to soldering heat. --- ### 3. Functional Application The "PBY" designation specifically highlights its capability for **Power Line** applications. * **Noise Suppression:** Used to filter high-frequency switching noise in DC power lines. * **High Current Handling:** Unlike standard ferrite beads (which might handle 100-500mA), the PBY series is engineered with lower DC resistance to handle several Amperes without overheating. * **Common Use Cases:** * USB power lines. * Power supply decoupling for CPUs/GPUs. * DC-DC converters. * Battery-powered portable devices. --- ### 4. Part Number Breakdown (Example) Typically, the code `PBY160808T-121Y-N` follows this logic: | Code Segment | Meaning | | :--- | :--- | | **PBY** | High Current Chip Ferrite Bead | | **160808** | Dimensions ($1.6 \times 0.8 \times 0.8$ mm) | | **T** | Taping (Packaging) | | **121** | Impedance Value (12 $\times 10^1 = 120\Omega$) | | **Y** | Tolerance ($\pm 25\%$) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a PBY series bead and a standard signal line ferrite bead?
    • ⤷ How do I calculate the power dissipation of this bead in my circuit?
    • ⤷ Can this component be used in AC power line filtering applications?