Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBY25F10

  • AI
    The **PBY25F10** is a specific type of high-voltage, high-current power diode, typically categorized as a **Standard Recovery Silicon Rectifier**. It is frequently used in industrial power supplies and automotive applications (specifically high-output alternators). --- ### 1. Key Technical Specifications The part number follows a standard naming convention where "25" usually refers to the current rating and "10" refers to the voltage class. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Average Forward Current ($I_{F(AV)}$)** | 25 Amperes | The maximum continuous current it can handle. | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 1000 Volts | The maximum voltage it can block in reverse. | | **Forward Voltage Drop ($V_F$)** | ~1.1 V | The voltage lost across the diode during conduction. | | **Operating Temperature** | -65°C to +175°C | The thermal range the component can withstand. | | **Mounting Style** | Press-Fit / Stud | Often found in a metal "button" or press-fit package for heat dissipation. | --- ### 2. Physical Construction The PBY25F10 is built using a **Silicon Junction**. Because it handles 25A of current, heat management is critical: * **Encapsulation:** Usually a metal-to-glass seal or a solid metal press-fit housing. * **Heat Sinking:** The metal body acts as the anode or cathode (depending on the specific sub-version, e.g., "R" suffix for reverse polarity) and must be pressed into a metal heat sink. --- ### 3. Common Applications Due to its high voltage rating (1000V) and robust current capacity, it is used in: 1. **Automotive Alternators:** Converting AC generated by the engine into DC for the battery. 2. **Battery Chargers:** Industrial scale chargers for forklifts or heavy machinery. 3. **Power Supplies:** Rectification stages in unregulated DC power sources. 4. **Welding Equipment:** Rectifying high-current AC for DC welding arcs. --- ### 4. Circuit Symbol and Operation In a schematic, it is represented by the standard diode symbol. It allows current to flow from the **Anode** to the **Cathode** while blocking flow in the opposite direction. ``` Anode (A) Cathode (K) ----|>|---- ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the PBY25F10 and a Schottky diode in terms of efficiency?
    • ⤷ Can the PBY25F10 be used in high-frequency switching power supplies?
    • ⤷ How do you identify the polarity of a press-fit diode like the PBY25F10?