Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBY271

  • AI
    The **PBY271** is an older, high-voltage silicon rectifier diode commonly used in legacy television sets, monitors, and various high-voltage power supply circuits. Below is a detailed breakdown of its electronic characteristics. ### 1. General Overview The PBY271 belongs to the family of high-voltage silicon rectifiers. Its primary function is to convert high-voltage alternating current (AC) into direct current (DC) by allowing current to flow in only one direction. | Parameter | Value/Description | | :--- | :--- | | **Type** | Silicon High-Voltage Rectifier | | **Common Application** | TV High Voltage Supplies, CRT circuits | | **Polarity** | Cathode marked with a band/ring | --- ### 2. Technical Specifications While specific manufacturers may have slight variations, the standard electrical ratings for the PBY271 are as follows: | Feature | Rating | | :--- | :--- | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | Up to 1500V - 1800V | | **Maximum Average Forward Current ($I_{F(AV)}$)** | ~1.5A to 2.0A | | **Peak Forward Surge Current ($I_{FSM}$)** | ~50A (8.3ms half sine wave) | | **Maximum Forward Voltage Drop ($V_F$)** | ~1.1V to 1.3V | | **Operating Temperature Range** | -55°C to +150°C | --- ### 3. Key Electronic Characteristics * **Reverse Voltage Withstand:** Unlike standard diodes (like the 1N4007 which handles 1000V), the PBY271 is designed to withstand peaks nearing 2kV, making it suitable for flyback transformers and CRT anode supplies. * **Fast Switching (Contextual):** While not a "Super Fast" diode by modern standards, it was designed to handle the frequencies found in horizontal output stages of analog televisions. * **Encapsulation:** Usually found in a rugged, axial-lead plastic package designed to prevent arcing at high voltages. --- ### 4. Implementation Example In a typical circuit, the PBY271 is placed in series with the high-voltage winding of a transformer to rectify the pulses. ```text AC Input (High V) ----|>|---- DC Output (Filtered) PBY271 ``` ### 5. Modern Equivalents The PBY271 is considered a "legacy" or "obsolete" part in modern consumer electronics. If you are looking for a replacement in a repair scenario, technicians often look at: 1. **BY228:** A very common high-voltage damping diode. 2. **BY448:** Higher voltage rating. 3. **1N5408:** Only if the peak voltage is strictly below 1000V (lower spec). ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the PBY271 and the BY228 in CRT circuits?
    • ⤷ Can a PBY271 be replaced with a standard 1N4007 diode?
    • ⤷ How do you test a high-voltage diode like the PBY271 using a standard multimeter?