Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBY273

  • AI
    The **PBY273** is a specialized high-voltage rectifier diode, typically utilized in television sets, monitors, and high-voltage power supplies. It is designed to handle high peak reverse voltages while maintaining a relatively small form factor. --- ### 1. Key Technical Specifications The PBY273 belongs to a family of high-voltage silicon rectifiers. Below are the typical electrical characteristics: | Parameter | Symbol | Value (Approx.) | Unit | | :--- | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 12,000 - 15,000 | Volts (V) | | **Average Forward Current** | $I_{F(AV)}$ | 5.0 | Milliamps (mA) | | **Peak Surge Current** | $I_{FSM}$ | 0.5 | Amps (A) | | **Forward Voltage Drop** | $V_F$ | 30 - 40 | Volts (V) | | **Reverse Recovery Time** | $t_{rr}$ | 100 - 200 | Nanoseconds (ns) | ### 2. Physical Characteristics * **Encapsulation:** Usually molded in a cylindrical plastic case with axial leads. * **Construction:** It consists of multiple silicon junctions stacked in series internally to achieve the high breakdown voltage rating. * **Polarity:** Marked with a band (cathode) or a specific shape to indicate direction. ### 3. Common Applications Due to its high voltage rating but low current capacity, the PBY273 is found in circuits requiring "tension" rather than "power": 1. **CRT Television Sets:** Used in the EHT (Extra High Tension) section to rectify the flyback transformer output for the picture tube. 2. **Ionizers / Air Purifiers:** To generate the high-voltage static charge needed to attract dust particles. 3. **Laser Power Supplies:** Used in the trigger or sustain circuits for gas discharge tubes. 4. **X-Ray Equipment:** Small-scale portable X-ray power modules. ### 4. Circuit Implementation Example In a standard voltage doubler circuit, the PBY273 would be positioned as follows: ```text Input (AC High Volt) ----|>|---- (DC Output) PBY273 ``` --- **Safety Note:** When working with parts like the PBY273, remember that the voltages involved are lethal. Ensure all capacitors are discharged before handling the circuit.
    ✨ Follow-up Questions
    • ⤷ What are the modern equivalents or replacements for the PBY273?
    • ⤷ How does the 'stacked junction' design affect the forward voltage drop?
    • ⤷ Can the PBY273 be used in high-frequency switching power supplies?