Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBY302

  • AI
    The **PBY302** is a series of high-power, high-voltage silicon rectifiers typically used in automotive alternators or power supply circuits. They are designed for high-current rectification and are known for their robust mechanical construction. --- ### 1. Key Technical Specifications Below are the typical parameters for the PBY302 series (values may vary slightly by manufacturer like Diotec or ST): | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Max. Peak Repetitive Reverse Voltage** | $V_{RRM}$ | 200 - 600 | Volts | | **Max. Average Forward Current** | $I_{F(AV)}$ | 30 - 35 | Amperes | | **Max. Forward Voltage Drop** (at 30A) | $V_F$ | < 1.1 | Volts | | **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 400 | Amperes | | **Operating Temperature Range** | $T_j$ | -65 to +175 | °C | --- ### 2. Physical Construction The PBY302 is usually found in a **Button-style** or **Press-fit** package. * **Case Material:** Metal case (often copper for heat dissipation). * **Polarity:** Available in both Standard (Anode to Case) and Reverse (Cathode to Case) configurations to facilitate the construction of bridge rectifiers in automotive alternators. * **Mounting:** Designed to be pressed into a heat sink (aluminum plate). --- ### 3. Applications The PBY302 series is primarily utilized in heavy-duty rectification tasks: 1. **Automotive Alternators:** Converting AC generated by the engine into DC to charge the battery and power electronics. 2. **Battery Chargers:** High-current commercial charging units. 3. **Welding Equipment:** Rectifying output current for DC arc welding. 4. **DC Power Supplies:** Industrial-grade power conversion. --- ### 4. Circuit Symbol & Polarity In a schematic, it uses the standard diode symbol. Because these are often sold in pairs for automotive use, it is critical to identify the ring color or markings: * **Red Ring/Marking:** Usually indicates Cathode to Case. * **Black Ring/Marking:** Usually indicates Anode to Case. ```python # Conceptual representation of a Diode bridge using PBY302 rectifier_bridge = { "diodes": 6, # Typical 3-phase alternator setup "type": "PBY302", "max_load_amps": 100, # Total bridge capacity "cooling": "Press-fit Heat Sink" } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between PBY302 and PBY305?
    • ⤷ How do you test a PBY302 diode with a multimeter?
    • ⤷ Why is the press-fit design preferred in automotive alternators?