Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYG10Y

  • AI
    The **PBYG10Y** (often associated with the **PBYG10** series) refers to a specialized **Fast Recovery Rectifier Diode**, typically manufactured by companies like General Semiconductor (now part of Vishay) or Philips. These components are designed for high-efficiency power conversion. --- ### 1. Key Technical Specifications The "Y" suffix often denotes specific voltage ratings or packaging variants within the series. Below are the general specifications for this class of diode: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 70V - 100V (varies by suffix) | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 1.0 Ampere | | **Maximum Forward Voltage Drop ($V_F$)** | ~1.1V @ 1A | | **Reverse Recovery Time ($t_{rr}$)** | < 100ns - 500ns | | **Operating Temperature Range** | -65°C to +175°C | --- ### 2. Physical Characteristics & Construction These diodes are usually found in axial leaded packages, which are standard for through-hole PCB assembly. * **Package Type:** DO-41 (Glass or Plastic) or SOD-57. * **Construction:** Sintered glass passivated cavity-free junction. This construction ensures high reliability and stability under harsh thermal conditions. * **Polarity:** A color band (cathode band) denotes the negative terminal. --- ### 3. Core Functions The PBYG10Y serves three primary roles in electronic circuits: 1. **Rectification:** Converting AC (Alternating Current) to DC (Direct Current). 2. **Fast Switching:** Unlike standard 1N4001 diodes, the "Fast Recovery" characteristic allows it to turn off quickly, reducing energy loss during high-frequency switching. 3. **Protection:** Acting as a "freewheeling" or "flyback" diode to protect sensitive components from voltage spikes generated by inductive loads (like motors or relays). --- ### 4. Common Applications Due to its speed and thermal stability, it is commonly used in: * **SMPS (Switched-Mode Power Supplies):** Used in the output rectification stage. * **TV & Monitor Sets:** Found in horizontal deflection circuits. * **DC-DC Converters:** Efficiency-critical power management modules. * **Inverters:** High-frequency signal processing.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between a standard rectifier and a fast recovery diode like the PBYG10Y?
    • ⤷ Which modern SMD equivalent can replace the PBYG10Y in new circuit designs?
    • ⤷ How do I test if a PBYG10Y diode is faulty using a multimeter?