Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYL1520CT

  • AI
    The **PBYL1520CT** is a Power Schottky Rectifier diode commonly used in power management and switching applications. It is designed for high efficiency and low power loss. --- ## 1. Technical Specifications The PBYL1520CT is a **Dual (Common Cathode)** diode, meaning it contains two diode chips sharing a single cathode pin within one package. | Parameter | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier | | **Configuration** | Dual Common Cathode | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 20V | | **Max Average Forward Current ($I_{F(AV)}$)** | 15A (7.5A per diode) | | **Forward Voltage Drop ($V_F$)** | ~0.5V at 7.5A | | **Operating Temperature Range** | -65°C to +150°C | | **Package Type** | TO-220AB | --- ## 2. Pinout Configuration The device usually comes in a three-pin TO-220 package. The internal layout is structured as follows: 1. **Pin 1 (Anode 1):** Input for the first diode. 2. **Pin 2 (Cathode):** Common output for both diodes (connected to the metal mounting tab). 3. **Pin 3 (Anode 2):** Input for the second diode. --- ## 3. Key Features * **Low Forward Voltage Drop:** Because it is a Schottky diode, it has a lower voltage drop compared to standard silicon diodes, leading to less heat generation. * **High Switching Speed:** It exhibits negligible reverse recovery time, making it ideal for high-frequency circuits. * **Guard Ring Protection:** Most versions include a guard ring for stress protection and long-term reliability. --- ## 4. Common Applications Due to its high current capacity and speed, it is frequently used in: * **Switched Mode Power Supplies (SMPS):** Used for rectification on the output stage. * **DC-to-DC Converters:** Providing efficient polarity protection or freewheeling. * **Battery Chargers:** Preventing reverse current flow. * **OR-ing Diodes:** Used in redundant power supply systems to combine two power sources. --- ## 5. Equivalent Alternatives If the PBYL1520CT is unavailable, these parts offer similar characteristics: * **MBR1545CT:** Higher voltage rating (45V), same current. * **STPS1545CT:** STMicroelectronics equivalent. * **MBR2045CT:** Slightly higher current rating (20A), very common.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Schottky diode and a standard PN-junction diode?
    • ⤷ Why is the common cathode configuration useful in power supplies?
    • ⤷ How does the 20V reverse voltage limit affect its use in 24V systems?