Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • PBYL1525CT

  • AI
    ## Technical Overview: PBYL1525CT Dual Schottky Rectifier The **PBYL1525CT** is a specialized power semiconductor device, specifically a **Schottky Barrier Diode**. It is designed for high-frequency switching applications where low power loss and high efficiency are critical. ### 1. Key Specifications The following table summarizes the primary electrical characteristics of the PBYL1525CT: | Parameter | Value | Description | | :--- | :--- | :--- | | **Configuration** | Common Cathode | Two diodes sharing a center pin | | **Max. Recurrent Peak Reverse Voltage ($V_{RRM}$)** | 25 V | The maximum voltage it can block | | **Max. Average Forward Current ($I_{F(AV)}$)** | 15 A | Total current capacity for the package | | **Forward Voltage Drop ($V_F$)** | ~0.45 V - 0.55 V | Voltage lost during conduction | | **Package Type** | TO-220AB | Standard 3-pin through-hole package | | **Operating Temperature** | -65 to +150 °C | Wide range for industrial use | --- ### 2. Internal Construction The PBYL1525CT contains two diodes in a **dual-chip** configuration. This is often referred to as a "Center Tap" arrangement. * **Pin 1 (Anode 1):** Input for the first diode. * **Pin 2 (Cathode):** The common output for both diodes (internally connected to the mounting tab). * **Pin 3 (Anode 2):** Input for the second diode. --- ### 3. Core Features and Benefits 1. **Low Forward Voltage Drop:** Because it is a Schottky diode (metal-semiconductor junction), it has a significantly lower $V_F$ compared to standard silicon diodes (~0.5V vs 0.7V-1.1V). This reduces heat generation. 2. **Fast Switching Speed:** It has negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed pulse-width modulation (PWM) circuits. 3. **Guard Ring Protection:** Most PBYL series diodes include a guard ring for stress protection and long-term reliability against high voltage transients. --- ### 4. Common Applications * **Switching Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC. * **Freewheeling Diodes:** Protects circuits from voltage spikes generated by inductive loads (motors, solenoids). * **OR-ing Diodes:** Used in redundant power supply systems to combine two power sources while preventing backflow. * **Battery Chargers:** Efficiently managing charging currents with minimal energy loss. --- ### 5. Implementation Example Below is a simple representation of how the PBYL1525CT is used in a full-wave rectifier circuit with a center-tapped transformer: ```text Transformer Secondary Output (AC High Freq) Pin 1 (Anode) ----|>|----| Center Tap -----------|--- Output (+) Pin 3 (Anode) ----|>|----| (Common Cathode Pin 2) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current (IFSM) this diode can handle?
    • ⤷ How does the forward voltage drop change as the temperature increases?
    • ⤷ What are the pin-compatible alternatives if this part is obsolete?